Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-YA2E Fiches technique(PDF) 63 Page - Nuvoton Technology Corporation

No de pièce NUC140-YA2E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-YA2E Fiches technique(HTML) 63 Page - Nuvoton Technology Corporation

Back Button NUC140-YA2E Datasheet HTML 59Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 60Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 61Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 62Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 63Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 64Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 65Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 66Page - Nuvoton Technology Corporation NUC140-YA2E Datasheet HTML 67Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 63 of 107
Rev 1.01
6.3.3
System Clock and SysTick Clock
The system clock has 5 clock sources which were generated from clock generator block. The
clock source switch depends on the register HCLK_S (CLKSEL0[2:0]). The block diagram is
shown in Figure 6-12.
111
011
010
001
PLLFOUT
32.768 kHz
4~24 MHz
10 kHz
HCLK_S (CLKSEL0[2:0])
22.1184 MHz
000
1/(HCLK_N+1)
HCLK_N (CLKDIV[3:0])
CPU in Power Down Mode
CPU
AHB
APB
CPUCLK
HCLK
PCLK
Note: Before clock switching, both the pre-selected and newly
selected clock sources must be turned on and stable.
Figure 6-12 System Clock Block Diagram
The clock source of SysTick in Cortex
® -M0 core can use CPU clock or external clock
(SYST_CSR[2]). If using external clock, the SysTick clock (STCLK) has 5 clock sources. The
clock source switch depends on the setting of the register STCLK_S (CLKSEL0[5:3]). The block
diagram is shown in Figure 6-13.
111
011
010
001
4~24 MHz
32.768 kHz
4~24 MHz
HCLK
STCLK_S (CLKSEL0[5:3])
STCLK
22.1184 MHz
000
1/2
1/2
1/2
Note: Before clock switching, both the pre-selected and newly
selected clock sources must be turned on and stable.
Figure 6-13 SysTick Clock Control Block Diagram


Numéro de pièce similaire - NUC140-YA2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-YA2E NUVOTON-NUC140-YA2E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-YA2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com