Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC220-YA2E Datasheet(Fiches technique) 8 Page - Nuvoton Technology Corporation

Numéro de pièce NUC220-YA2E
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC220-YA2E Datasheet(HTML) 8 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 8 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 8 of 107
Rev 1.01
1
GENERAL DESCRIPTION
The NuMicro
® NUC100 series 32-bit microcontroller (MCU) is embedded with the ARM® Cortex® -
M0 core with the cost equivalent to traditional 8-bit MCU. The NUC100 series can be used in
consumer electronics, industrial control and applications which requiring rich communication
interfaces such as industrial automation, alarm system, energy system and power system.
The NuMicro
® NUC100 Advanced Line and NUC120 USB Line are embedded with the Cortex® -
M0 core running up to 50 MHz and features 32/64/128 Kbytes Flash, 4/8/16 Kbytes embedded
SRAM and 4 Kbytes loader ROM for the ISP. It operates at a wide voltage range of 2.5V ~ 5.5V
and temperature range of -40℃ ~ +85℃. The NUC100 series is also provided with plenty of
peripheral devices, such as Timers, Watchdog Timer, Window Watchdog Timer, RTC, PDMA with
CRC calculation unit, UART, SPI, I
2C, I2S, PWM Timer, GPIO, PS/2, EBI, Smart Card Host, 12-bit
ADC, Analog Comparator, Low Voltage Reset Controller and Brown-out Detector. Additionally,
the NUC120 USB Line is equipped with a USB 2.0 Full-speed Device. These peripherals have
been incorporated into the NUC100 series to reduce component count, board space and system
cost.
The NUC100 series is equipped with ISP (In-System Programming), IAP (In-Application-
Programming) and ICP (In-Circuit Programming) functions, which allows the user to update the
program under software control through the on-chip connectivity interface, such as SWD, UART
and USB.
Product Line
UART
SPI
I
2C
USB
PS/2
I
2S
SC
NUC100xxxDN
3
4
2
-
1
1
3
NUC120xxxDN
3
4
2
1
1
1
3
Table 1-1 NuMicro
® NUC100 Series Connectivity Support Table


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn