Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC220-YA2E Datasheet(Fiches technique) 56 Page - Nuvoton Technology Corporation

Numéro de pièce NUC220-YA2E
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC220-YA2E Datasheet(HTML) 56 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 56 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 56 of 107
Rev 1.01
6.2.5
System Memory Map
The NuMicro
® NUC100 series provides 4G-byte addressing space. The memory locations
assigned to each on-chip controllers are shown in the following table. The detailed register
definition, memory space, and programming detailed will be described in the following sections for
each on-chip peripheral. The NuMicro
® NUC100 series only supports little-endian data format.
Address Space
Token
Controllers
Flash and SRAM Memory Space
0x0000_0000
– 0x0001_FFFF
FLASH_BA
FLASH Memory Space (128 KB)
0x2000_0000
– 0x2000_3FFF
SRAM_BA
SRAM Memory Space (16 KB)
AHB Controllers Space (0x5000_0000
– 0x501F_FFFF)
0x5000_0000
– 0x5000_01FF
GCR_BA
System Global Control Registers
0x5000_0200
– 0x5000_02FF
CLK_BA
Clock Control Registers
0x5000_0300
– 0x5000_03FF
INT_BA
Interrupt Multiplexer Control Registers
0x5000_4000
– 0x5000_7FFF
GPIO_BA
GPIO Control Registers
0x5000_8000
– 0x5000_BFFF
PDMA_BA
Peripheral DMA Control Registers
0x5000_C000
– 0x5000_FFFF
FMC_BA
Flash Memory Control Registers
APB1 Controllers Space (0x4000_0000 ~ 0x400F_FFFF)
0x4000_4000
– 0x4000_7FFF
WDT_BA
Watchdog Timer Control Registers
0x4000_8000
– 0x4000_BFFF
RTC_BA
Real Time Clock (RTC) Control Register
0x4001_0000
– 0x4001_3FFF
TMR01_BA
Timer0/Timer1 Control Registers
0x4002_0000
– 0x4002_3FFF
I2C0_BA
I
2C0 Interface Control Registers
0x4003_0000
– 0x4003_3FFF
SPI0_BA
SPI0 with master/slave function Control Registers
0x4003_4000
– 0x4003_7FFF
SPI1_BA
SPI1 with master/slave function Control Registers
0x4004_0000
– 0x4004_3FFF
PWMA_BA
PWM0/1/2/3 Control Registers
0x4005_0000
– 0x4005_3FFF
UART0_BA
UART0 Control Registers
0x4006_0000
– 0x4006_3FFF
USBD_BA
USB 2.0 FS device Controller Registers
0x400D_0000
– 0x400D_3FFF
ACMP_BA
Analog Comparator Control Registers
0x400E_0000
– 0x400E_FFFF
ADC_BA
Analog-Digital-Converter (ADC) Control Registers
APB2 Controllers Space (0x4010_0000 ~ 0x401F_FFFF)
0x4010_0000
– 0x4010_3FFF
PS2_BA
PS/2 Interface Control Registers
0x4011_0000
– 0x4011_3FFF
TMR23_BA
Timer2/Timer3 Control Registers
0x4012_0000
– 0x4012_3FFF
I2C1_BA
I
2C1 Interface Control Registers
0x4013_0000
– 0x4013_3FFF
SPI2_BA
SPI2 with master/slave function Control Registers
0x4013_4000
– 0x4013_7FFF
SPI3_BA
SPI3 with master/slave function Control Registers
0x4014_0000
– 0x4014_3FFF
PWMB_BA
PWM4/5/6/7 Control Registers
0x4015_0000
– 0x4015_3FFF
UART1_BA
UART1 Control Registers


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn