Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC220-YA2E Datasheet(Fiches technique) 55 Page - Nuvoton Technology Corporation

Numéro de pièce NUC220-YA2E
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC220-YA2E Datasheet(HTML) 55 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 55 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 55 of 107
Rev 1.01
LDO
USB 1.1
Tranceiver
5V to 3.3V LDO
PLL
12-bit
SAR-ADC
Brown
Out
Detector
POR50
POR18
Low
Voltage
Reset
External
32.768 kHz
Crystal
Analog Comparator
Temperature
Seneor
FLASH
Digital Logic
3.3V
1.8V
Internal
22.1184 MHz & 10 kHz
Oscillator
AVDD
AVSS
VBUS
VDD33
D+
D-
LDO
1uF
1uF
IO cell
GPIO
NUC120
Power
Distribution
Figure 6-9 NuMicro
® NUC120 Power Distribution Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn