Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC120-YA3E Datasheet(Fiches technique) 67 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-YA3E
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC120-YA3E Datasheet(HTML) 67 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 67 -
Revision V2.03
SPECIFICATION
PARAMETER
SYM.
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
IIDLE8
4
mA
VDD = 3 V@12 MHz,
disable all IP and disable PLL,
XTAL=12 MHz
IIDLE9
7
mA
VDD = 5 V@4 MHz,
enable all IP and disable PLL,
XTAL=4 MHz
IIDLE10
3.5
mA
VDD = 5 V@4 MHz,
disable all IP and disable PLL,
XTAL=4 MHz
IIDLE11
6
mA
VDD = 3 V@4 MHz,
enable all IP and disable PLL,
XTAL=4 MHz
Operating Current
Idle Mode
@ 4 MHz
IIDLE12
2.5
mA
VDD = 3 V@4 MHz,
disable all IP and disable PLL,
XTAL=4 MHz
IPWD1
, No load
17
μA
VDD = 5.5 V, RTC OFF
@ Disable BOV function
IPWD2
14.5
μA
TC OFF, No load
@ Disable BOV function
VDD = 3.3 V, R
IPWD3
20
μA
VDD = 5.5 V, RTC run , No load
@ Disable BOV function
Standby Current
Power down Mode
IPWD4
17
μA
C run , No load
on
VDD = 3.3 V, RT
@ Disable BOV functi
Input Current PA, PB, PC,
PD, PE (Quasi-bidirectional
mode)
IIN1
-60
μA
-50
VDD = 5.5 V, VIN = 0 V or VIN=VDD
Input Current at /RESET
[1]
-55
-
5 V
IIN2
-45
30
μA VDD = 3.3 V, VIN = 0.4
Input Leakage Current PA,
PB, PC, PD, PE
ILK
-2
-
+2
μA
IN<VDD
VDD = 5.5 V, 0<V
Logic 1 to 0 T
PA~PE (Qu
ransition Current
asi-bidirectional
TL
-650
-2 0
mode)
I
[3]
-
0
μA VDD = 5.5 V, VIN<2.0 V
-0.3
-
0.8
VDD = 4.5 V
Input Low Voltage PA, PB,
PC, PD, PE (TTL input)
-0.3
-
0.6
VIL1
V
VDD = 2.5 V
2.0
-
VDD
+0.2
VDD = 5.5 V
Input High Voltage PA, PB,
PC, PD, PE (TTL input)
1.5
-
V
+0.2
VIH1
DD
V
VDD =3.0 V
Input Low Voltage PA, PB,
PC, PD, PE (Schmitt input)
VIL2
-0.5
-
0.2
VDD
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn