Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC120-YA3E Datasheet(Fiches technique) 65 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-YA3E
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC120-YA3E Datasheet(HTML) 65 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 65 -
Revision V2.03
7.2.2
120 Low Density DC Electrical Characteristics
C = 50 MHz unless otherwise specified.)
NuMicro
™ NUC100/NUC
(V -V =3.3 V, TA = 25
°C, FOS
DD
SS
SPECIFICATION
PARAMETER
SYM.
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Operation voltage
VDD
2.5
5.5
V
VDD =2.5 V ~ 5.5 V up to 50 MHz
Power Ground
VSS
AVSS
-0.3
V
LDO Output Voltage
VLDO
-10%
2.5
+10%
V
VDD > 2.7 V
Analog Operating Voltage
AVDD
0
VDD
V
Analog Reference Voltage
Vref
0
AVDD
V
IDD1
46
mA
VDD = 5.5 V@50 MHz,
enable all IP and PLL, XTAL=12
MHz
IDD2
30
mA
VDD = 5.5 V@50 MHz,
disable all IP and enable PLL,
XTAL=12 MHz
IDD3
44
mA
VDD = 3 V@50 MHz,
enable all IP and PLL, XTAL=12
MHz
Operating Current
Normal Run Mode
@ 50 MHz
IDD4
28
mA
VDD = 3 V@50 MHz,
disable all IP and enable PLL,
XTAL=12 MHz
IDD5
19
mA
VDD = 5.5 V@12 MHz,
enable all IP and disable PLL,
XTAL=12 MHz
IDD6
13
mA
VDD = 5.5 V@12 MHz,
disable all IP and disable PLL,
XTAL=12 MHz
Operating Current
Normal Run Mode
@ 12 MHz
IDD7
17
mA
VDD = 3 V@12 MHz,
enable all IP and disable PLL,
XTAL=12 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn