Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC140-VE1E Datasheet(Fiches technique) 58 Page - Nuvoton Technology Corporation

Numéro de pièce NUC140-VE1E
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-VE1E Datasheet(HTML) 58 Page - Nuvoton Technology Corporation

Back Button NUC140-VE1E Datenblatt HTML 54Page - Nuvoton Technology Corporation NUC140-VE1E Datenblatt HTML 55Page - Nuvoton Technology Corporation NUC140-VE1E Datenblatt HTML 56Page - Nuvoton Technology Corporation NUC140-VE1E Datenblatt HTML 57Page - Nuvoton Technology Corporation NUC140-VE1E Datasheet HTML 58Page - Nuvoton Technology Corporation NUC140-VE1E Datenblatt HTML 59Page - Nuvoton Technology Corporation NUC140-VE1E Datenblatt HTML 60Page - Nuvoton Technology Corporation NUC140-VE1E Datenblatt HTML 61Page - Nuvoton Technology Corporation NUC140-VE1E Datenblatt HTML 62Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 58 -
Revision V2.03
ER (FMC)
t can be updated through ISP procedure. In System Programming
data before chip power off. For 128K bytes APROM device, the
ared with original 128K program memory and its start address is configurable and
4K/32K bytes APROM device, the data flash
6.2
address read access
emory (APROM) (NuMicro
™ NUC100/NUC120 Low
date on chip Flash
6
FLASH MEMORY CONTROLL
6.1
Overview
NuMicro
™ NUC100 Series equips with 128/64/32K bytes on chip embedded Flash for application
program memory (APROM) tha
(ISP) function enables user to update program memory when chip is soldered on PCB. After chip
power on, Cortex-M0 CPU fetches code from APROM or LDROM decided by boot select (CBS) in
Config0. By the way, NuMicro
™ NUC100 Series also provides additional DATA Flash for user, to
store some application dependent
data flash is sh
defined by user application request in Config1. For 6
is fixed at 4K.
Features
Run up to 50 MHz with zero wait state for continuous
128/64/32KB application program m
Density only support up to 64KB size)
4KB in system programming (ISP) loader program memory (LDROM)
Configurable or fixed 4KB data flash with 512 bytes page erase unit
Programmable data flash start address for 128K APROM device
In System Program (ISP) to up


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn