Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM6580L Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce DM6580L
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DM6580L Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DM6580L Datasheet HTML 5Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 6Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 7Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 8Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 9Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 10Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 11Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 12Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
9
Version: DM562P-DS-P02
February 28, 2001
DM6588 Functional Description
1. Operating Mode Selection
The DM6588 MCU is include DM6588 external,
DM6588 pci two types.
2. Micro-controller Program Memory
The DM6588 supports two bank switch control pins to
switch external program memory among four banks.
The DM6588 can access a total of 256K of external
program memory.
Address mapping:
bank0: 00000H - 0FFFFH
bank1: 10000H - 1FFFFH
bank2: 20000H - 2FFFFH
bank3: 30000H - 3FFFFH
For bank switching, three instructions must be
included in software.
Switch to bank1:
CLR
P1.3
SETB
P1.7
JMP
BANK 1 ADDRESS
Switch to bank2:
CLR
P1.7
SETB
P1.3
JMP
BANK 2 ADDRESS
Switch to bank3:
CLR
P1.7
CLR
P1.3
JMP
BANK 3 ADDRESS
Return to bank 0:
SETB
P1.7
SETB
P1.3
JMP
BANK 0 ADDRESS
For detailed information about the micro-
controller, refer to the Programmer's Guide to
8032.
Micro-controller Power Down Mode
An instruction that sets the register PD (PCON.1) will
cause the 80C32 to enter power down mode. There
are two ways to wake up the 80C32
(1) Positive pulse signal occurring at the reset pin of
the 80C32
(2) Negative pulse occurring at /RI (P1.0) of the
80C32
Enhanced Internal direct Memory
There are two 128 byte banks of internal direct
memory in the 80C32. The system uses the lower 128
bytes under normal conditions. Switching to the upper
bank is achieved by loading register 8FH.1 (SFR of
the 80C32) with 1. Switching to the lower bank can be
achieved by loading the same register with 0.
Reflash Program Memory
By setting 8F.2H the system can switch program and
data memory. If the system uses FLASH memory as
program memory this function is used to reflash
program code by downloading the program to data
memory then switching them.
Example:
SETB
8FH.2
LJMP
0000H
Micro-controller Register Description
MODEM expansion port: Address C800H (external
only)
bit7
Bit6
bit5
bit4
bit3
bit2
bit1
bit0
OUT
P3
OUT
P2
OUT
P1
OUT
P0
INP3 INP2 INP1 INP0
Bit0 to Bit3: read only
Bit4 to Bit7: write only
This port is for expansion in the future.
UART Clock Register: (pci only)
Address D400H Reset State: 06H
Write Only
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
X
dat6
dat5
dat4
dat3
dat2
dat1
0


Numéro de pièce similaire - DM6580L

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DM6580L ETC1-DM6580L Datasheet
242Kb / 43P
   V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
More results

Description similaire - DM6580L

FabricantNo de pièceFiches techniqueDescription
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
List of Unclassifed Man...
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
   Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
DM560P ETC1-DM560P Datasheet
242Kb / 43P
   V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
DM336P ETC-DM336P Datasheet
341Kb / 40P
   V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
logo
Davicom Semiconductor, ...
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone
logo
List of Unclassifed Man...
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
   V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com