Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DM6580L Fiches technique(PDF) 8 Page - List of Unclassifed Manufacturers

No de pièce DM6580L
Description  V.90 Intergrated Data/Fax/Voice/Speakephone Modem Device Single Chip with Memory Built in
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

DM6580L Fiches technique(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM6580L Datasheet HTML 4Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 5Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 6Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 7Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 8Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 9Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 10Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 11Page - List of Unclassifed Manufacturers DM6580L Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
DM562P
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
8
Preliminary
Version: DM562P-DS-P02
February 28, 2001
For the accesses to the configuration address space, the device select
decoding is done externally and is signaled via this pin. This signal is
asserted high during configuration read and write access.
8
18
28
44
C/BE3#
C/BE2#
C/BE1#
C/BE0#
I
PCI Bus Command/Byte Enable
During the address phase, these signals define the bus command or
the type of the bus transaction that will take place.
During the data phase, these pins indicate which byte lanes contain
valid data. C/BE0# applies to bit7~0 and C/BE3# applies to bit 31~24.
19
FRAME#
I
PCI Cycle Frame
This signal is driven low by the master to indicate the beginning and
duration of a bus transaction. It is deasserted when the transaction is
in its final phase.
21
IRDY#
I
PCI Initiator Ready
This signal is driven low when the master is ready to complete the
current data phase of the transaction. A data phase is completed on
any clock both IRDY# and TRDY# are sampled asserted.
22
TRDY#
I/O
PCI Target Ready
This signal is driven low when the target is ready to complete the
current data phase of the transaction. During a read, it indicates that
the valid data is asserted. During write, it indicates that the target
prepares to accept data.
23
DEVSEL#
I/O
PCI Device Select
DM6585 asserts the signal low when it recognizes its target address
after FRAME# is asserted.
24
STOP#
I/O
PCI Stop
This signal is asserted low by the target device to request the master
device to stop the current transaction.
25
PERR#
I/O
PCI Parity Error
DM6585 will assert this signal low to indicate a parity error on any
incoming data.
26
SERR#
O
PCI System Error
This signal is asserted low when an address parity is detected with
PCICS bit31 enabled. The system error asserts two clock cycles after
the address if an address parity error is detected.
27
PAR
I/O
PCI Parity
This signal indicates even parity across AD0~AD31 and
C/BE0#~C/BE3# including the PAR pin. It is stable and valid one clock
after the address phase.
36
RST#
I
Reset:
An active low signal used to reset the DM6588.
74
VCC_AUX
P
+3.3V Auxiliary Power Supply
76
RIN
I
Ring Signal Input for Auxiliary Power
77
GND_AUX
P
Auxiliary Ground


Numéro de pièce similaire - DM6580L

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
DM6580L ETC1-DM6580L Datasheet
242Kb / 43P
   V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
More results

Description similaire - DM6580L

FabricantNo de pièceFiches techniqueDescription
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
logo
List of Unclassifed Man...
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
   Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
DM560P ETC1-DM560P Datasheet
242Kb / 43P
   V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
DM336P ETC-DM336P Datasheet
341Kb / 40P
   V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
   Single Device Data/Fax Modem Data Pump
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
   V.34 Data/V.17 Fax/Voice Modem Data Pumps
logo
Davicom Semiconductor, ...
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
   V.90 Integrated Data/ Fax/Voice/Speakerphone
logo
List of Unclassifed Man...
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
   V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com