Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC140-LD1E Datasheet(Fiches technique) 53 Page - Nuvoton Technology Corporation

Numéro de pièce NUC140-LD1E
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-LD1E Datasheet(HTML) 53 Page - Nuvoton Technology Corporation

Back Button NUC140-LD1E Datenblatt HTML 49Page - Nuvoton Technology Corporation NUC140-LD1E Datenblatt HTML 50Page - Nuvoton Technology Corporation NUC140-LD1E Datenblatt HTML 51Page - Nuvoton Technology Corporation NUC140-LD1E Datenblatt HTML 52Page - Nuvoton Technology Corporation NUC140-LD1E Datasheet HTML 53Page - Nuvoton Technology Corporation NUC140-LD1E Datenblatt HTML 54Page - Nuvoton Technology Corporation NUC140-LD1E Datenblatt HTML 55Page - Nuvoton Technology Corporation NUC140-LD1E Datenblatt HTML 56Page - Nuvoton Technology Corporation NUC140-LD1E Datenblatt HTML 57Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 53 -
Revision V2.03
5.14
ing 8-, 16-, 24- and 32-bit word sizes
Mono and stereo audio data supported
2
d MSB justified data format supported
it and one for receive
n buffer levels cross a programmable boundary
5.14 I
2S Controller (I2S)
5.14.1 Overview
The I2S controller consists of IIS protocol to interface with external audio CODEC. Two 8 word
deep FIFO for read path and write path respectively and is capable of handling 8 ~ 32 bit word
sizes. DMA controller handles the data movement between FIFO and memory.
.2 Features
I2S can operate as either master or slave
Capable of handl
I S an
Two 8 word FIFO data buffers are provided, one for transm
Generates interrupt requests whe
Two DMA requests, one for transmit and one for receive


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn