Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC130-RE3N Datasheet(Fiches technique) 81 Page - Nuvoton Technology Corporation

Numéro de pièce NUC130-RE3N
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-RE3N Datasheet(HTML) 81 Page - Nuvoton Technology Corporation

Back Button NUC130-RE3N Datenblatt HTML 77Page - Nuvoton Technology Corporation NUC130-RE3N Datenblatt HTML 78Page - Nuvoton Technology Corporation NUC130-RE3N Datenblatt HTML 79Page - Nuvoton Technology Corporation NUC130-RE3N Datenblatt HTML 80Page - Nuvoton Technology Corporation NUC130-RE3N Datasheet HTML 81Page - Nuvoton Technology Corporation NUC130-RE3N Datenblatt HTML 82Page - Nuvoton Technology Corporation NUC130-RE3N Datenblatt HTML 83Page - Nuvoton Technology Corporation NUC130-RE3N Datenblatt HTML 84Page - Nuvoton Technology Corporation NUC130-RE3N Datenblatt HTML 85Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 81 of 107
Rev 1.01
PS/2 Device Controller (PS2D)
6.16
6.16.1
Overview
The PS/2 device controller provides a basic timing control for PS/2 communication. All
communication between the device and the host is managed through the CLK and DATA pins.
Unlike PS/2 keyboard or mouse device controller, the receive/transmit code needs to be
translated as meaningful code by firmware. The device controller generates the CLK signal after
receiving a
“Request to Send” state, but host has ultimate control over communication. Data of
DATA line sent from the host to the device is read on the rising edge and sent from the device to
the host is change after rising edge. A 16 bytes FIFO is used to reduce CPU intervention.
Software can select 1 to 16 bytes for a continuous transmission.
6.16.2
Features
Host communication inhibit and Request to Send state detection
Reception frame error detection
Programmable 1 to 16 bytes transmit buffer to reduce CPU intervention
Double buffer for data reception
Software override bus


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn