Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CAT24FC02LITE13REV-E Fiches technique(PDF) 1 Page - Catalyst Semiconductor

No de pièce CAT24FC02LITE13REV-E
Description  The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CATALYST [Catalyst Semiconductor]
Site Internet  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC02LITE13REV-E Fiches technique(HTML) 1 Page - Catalyst Semiconductor

  CAT24FC02LITE13REV-E Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC02LITE13REV-E Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
1
CAT24FC02
2-kb I2C Serial EEPROM
Doc. No. 1045, Rev. G
* Catalyst Semiconductor is licensed by Philips Corporation to carry
the I2C Bus Protocol.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
2.5 V to 5.5 V Power Supply
VSS
Ground
DIP Package (P, L, GL)
TSSOP Package (U, Y, GY)
SOIC Package (J, W, GW)
FEATURES
I 400 kHz (2.5 V) I2C bus compatible
I 2.5 to 5.5 volt operation
I Low power CMOS technology
I 16-byte page write buffer
I Industrial and extended temperature ranges
I Self-timed write cycle with auto-clear
I 1,000,000 program/erase cycles
I 100 year data retention
I 8-pin DIP, SOIC, TSSOP and MSOP packages
- “Green” package option available
I 256 x 8 memory organization
I Hardware write protect
DESCRIPTION
The CAT24FC02 is a 2-kb Serial CMOS EEPROM
internally organized as 256 words of 8 bits each. Catalyst’s
advanced CMOS technology substantially reduces
device power requirements.
The CAT24FC02 features a 16-byte page write buffer.
The device operates via the I2C bus serial interface and
is available in 8-pin DIP, SOIC, TSSOP and MSOP
packages.
A2
A0
A1
VSS
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
A1
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
VSS
1
2
3
4
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
SCL
A0
A1
A2
SDA
WP
MSOP Package (R, Z, GZ)
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
VCC
WP
SCL
SDA


Numéro de pièce similaire - CAT24FC02LITE13REV-E

FabricantNo de pièceFiches techniqueDescription
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01 Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GLETE13 CATALYST-CAT24FC01GLETE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GLITE13 CATALYST-CAT24FC01GLITE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GWETE13 CATALYST-CAT24FC01GWETE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
CAT24FC01GWITE13 CATALYST-CAT24FC01GWITE13 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
More results

Description similaire - CAT24FC02LITE13REV-E

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
CY7C1062AV33 CYPRESS-CY7C1062AV33 Datasheet
188Kb / 9P
   The CY7C1062AV33 is a high-performance CMOS Static RAM organized as 524,288 words by 32 bits.
logo
ON Semiconductor
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C256LI ONSEMI-CAT24C256LI Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com