Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-YC3N Fiches technique(PDF) 89 Page - Nuvoton Technology Corporation

No de pièce NUC130-YC3N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-YC3N Fiches technique(HTML) 89 Page - Nuvoton Technology Corporation

Back Button NUC130-YC3N Datasheet HTML 85Page - Nuvoton Technology Corporation NUC130-YC3N Datasheet HTML 86Page - Nuvoton Technology Corporation NUC130-YC3N Datasheet HTML 87Page - Nuvoton Technology Corporation NUC130-YC3N Datasheet HTML 88Page - Nuvoton Technology Corporation NUC130-YC3N Datasheet HTML 89Page - Nuvoton Technology Corporation NUC130-YC3N Datasheet HTML 90Page - Nuvoton Technology Corporation NUC130-YC3N Datasheet HTML 91Page - Nuvoton Technology Corporation NUC130-YC3N Datasheet HTML 92Page - Nuvoton Technology Corporation NUC130-YC3N Datasheet HTML 93Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 89 of 107
Rev 1.01
7
APPLICATION CIRCUIT
AVSS
AVDD
AVCC
DVCC
VSS
VDD
4~24 MHz
crystal
0.1uF
FB
FB
20p
20p
DVCC
10uF/25V
10K
Power
Crystal
Reset
Circuit
/RESET
XT1_OUT
LDO
NUC1xx
Series
VDD
VSS
/RESET
ICE_CLK
ICE_DAT
SWD
Interface
1uF
VDD
VSS
I
2C Device
CLK
DIO
I2C0SDA
I2C0SCL
4.7K
VDD
VSS
SPI Device
CS
CLK
MISO
SPISS00
MOSI
SPICLK0
MISO00
MOSI00
LDO
RS232 Transceiver
ROUT
TIN
RIN
TOUT
PC COM Port
XT1_IN
0.1uF
DVCC
4.7K
DVCC
DVCC
Note: For the SPI device, the chip supply voltage
must be equal to SPI device working voltage. For
example, when the SPI Flash working voltage is
3.3 V, the NUC1xx chip supply voltage must also
be 3.3V.
UART
[1]
RXD
TXD
Smart Card
VCC
USB PORT
D+
D-
33
33
VBUS
VSS


Numéro de pièce similaire - NUC130-YC3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-YC3N NUVOTON-NUC130-YC3N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC130-YC3N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com