Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC230-SE3C Fiches technique(PDF) 73 Page - Nuvoton Technology Corporation

No de pièce NUC230-SE3C
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC230-SE3C Fiches technique(HTML) 73 Page - Nuvoton Technology Corporation

Back Button NUC230-SE3C Datasheet HTML 69Page - Nuvoton Technology Corporation NUC230-SE3C Datasheet HTML 70Page - Nuvoton Technology Corporation NUC230-SE3C Datasheet HTML 71Page - Nuvoton Technology Corporation NUC230-SE3C Datasheet HTML 72Page - Nuvoton Technology Corporation NUC230-SE3C Datasheet HTML 73Page - Nuvoton Technology Corporation NUC230-SE3C Datasheet HTML 74Page - Nuvoton Technology Corporation NUC230-SE3C Datasheet HTML 75Page - Nuvoton Technology Corporation NUC230-SE3C Datasheet HTML 76Page - Nuvoton Technology Corporation NUC230-SE3C Datasheet HTML 77Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 73 of 97
Revision 1.01
6.14 Smart Card Host Interface (SC)
6.14.1 Overview
The Smart Card Interface controller (SC controller) is based on ISO/IEC 7816-3 standard and fully
compliant with PC/SC Specifications. It also provides status of card insertion/removal. It also
support UART mode for full duplex asynchronous communications.
6.14.2 Features
Supports up to three ISO7816-3 ports (SC0, SC1 and SC2)
-
ISO7816-3 T=0, T=1 compliant
-
EMV2000 compliant
-
Separates receive/ transmit 4 byte entry FIFO for data payloads.
-
Programmable transmission clock frequency.
-
Programmable receiver buffer trigger level.
-
Programmable guard time selection (11 ETU ~ 267 ETU).
-
A 24-bit and two 8-bit times for Answer to Request (ATR) and waiting times
processing.
-
Supports auto inverse convention function.
-
Supports transmitter and receiver error retry and error number limiting function.
-
Supports hardware activation sequence, hardware warm reset sequence and
hardware deactivation sequence process.
-
Supports hardware auto deactivation sequence when detecting the card
removal.
Supports up to three UART ports (UART3, UART4, UART5)
-
Full duplex, asynchronous communications.
-
Programmable data bit length, 5-, 6-, 7-, 8-bit character.
-
Separates receiving / transmitting 4 bytes entry FIFO for data payloads.
-
Supports programmable baud rate generator for each channel.
-
Supports programmable receiver buffer trigger level.
-
Programmable transmitting data delay time between the last stop bit leaving the
TX-FIFO and the de-assertion by setting SCx_EGTR [EGT] register.
-
Programmable even, odd or no parity bit generation and detection.
-
Programmable stop bit, 1 or 2 stop bit generation.


Numéro de pièce similaire - NUC230-SE3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC230-SE3C NUVOTON-NUC230-SE3C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-SE3C NUVOTON-NUC230-SE3C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC230-SE3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com