Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC140-YD2N Datasheet(Fiches technique) 76 Page - Nuvoton Technology Corporation

Numéro de pièce NUC140-YD2N
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC140-YD2N Datasheet(HTML) 76 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 76 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Figure 7-1 Typical Crystal Application Circuit
7.3.2
rnal 32.7
eed Crystal
Exte
68 kHz Low Sp
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Input clock frequenc
External crystal
32.768
y
-
-
kHz
Temper ure
-40
at
-
-
85
VDD
-
2.5
-
5.5
V
7.3.3
Internal 22.1184 MHz High Speed Oscillator
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply voltage
[1]
-
2.5
-
5.5
V
Center Frequency
-
-
22.1184
MHz
-
+25℃; VDD =5 V
-1
-
+1
%
Calibrated Internal Oscillator Frequency
-40℃~+85℃;
VDD=2.5 V~5.5 V
-3
-
+3
%
Operation Curre
5 V
500
-
uA
nt
VDD =
-
Internal 10 kHz Low Speed Oscillator
7.3.4
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply voltage
[1]
-
2.5
-
5.5
V
Center Frequency
-
-
10
-
kHz
+25℃; VDD =5 V
-30
-
+30
%
Calibrated Internal Oscillator Frequency
-40℃~+85℃;
VDD=2.5 V~5.5 V
-50
-
+50
%
Note: Internal operation voltage comes from LDO.
Publication Release Date: Jan. 2, 2012
- 76 -
Revision V2.03


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn