Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC230-SD3C Fiches technique(PDF) 83 Page - Nuvoton Technology Corporation

No de pièce NUC230-SD3C
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC230-SD3C Fiches technique(HTML) 83 Page - Nuvoton Technology Corporation

Back Button NUC230-SD3C Datasheet HTML 79Page - Nuvoton Technology Corporation NUC230-SD3C Datasheet HTML 80Page - Nuvoton Technology Corporation NUC230-SD3C Datasheet HTML 81Page - Nuvoton Technology Corporation NUC230-SD3C Datasheet HTML 82Page - Nuvoton Technology Corporation NUC230-SD3C Datasheet HTML 83Page - Nuvoton Technology Corporation NUC230-SD3C Datasheet HTML 84Page - Nuvoton Technology Corporation NUC230-SD3C Datasheet HTML 85Page - Nuvoton Technology Corporation NUC230-SD3C Datasheet HTML 86Page - Nuvoton Technology Corporation NUC230-SD3C Datasheet HTML 87Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 83 of 97
Revision 1.01
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operating Current
Normal Run Mode
at 32.768 kHz
while(1){} executed
from flash
VLDO =1.8 V
IDD17
141
A
VDD
LXT (kHz)
HIRC
PLL
All digital
module
5.5V
32.768
X
X
V
IDD18
129
A
5.5V
32.768
X
X
X
IDD19
138
A
3.3V
32.768
X
X
V
IDD20
125
A
3.3V
32.768
X
X
X
Operating Current
Normal Run Mode
at 10 kHz
while(1){} executed
from flash
VLDO =1.8 V
IDD21
125
A
VDD
HXT/LXT LIRC (kHz)
PLL
All digital
module
5.5V
X
10
X
V
IDD22
120
A
5.5V
X
10
X
X
IDD23
125
A
3.3V
X
10
X
V
IDD24
120
A
3.3V
X
10
X
X
Operating Current
Idle Mode
at 72 MHz
VLDO =1.8 V
IIDLE1
42
mA
VDD
HXT
HIRC
PLL
All digital
module
5.5V
12 MHz
X
V
V
IIDLE2
11
mA
5.5V
12 MHz
X
V
X
IIDLE3
41
mA
3.3V
12 MHz
X
V
V
IIDLE4
9
mA
3.3V
12 MHz
X
V
X
Operating Current
Idle Mode
at 50 MHz
VLDO =1.8 V
IIDLE5
28
mA
5.5V
12 MHz
X
V
V
IIDLE6
10
mA
5.5V
12 MHz
X
V
X
IIDLE7
27
mA
3.3V
12 MHz
X
V
V
IIDLE8
9
mA
3.3V
12 MHz
X
V
X
Operating Current
Idle Mode
at 12 MHz
VLDO =1.8 V
IIDLE9
7.5
mA
5.5V
12 MHz
X
X
V
IIDLE10
2.4
mA
5.5V
12 MHz
X
X
X
IIDLE11
6.5
mA
3.3V
12 MHz
X
X
V
IIDLE12
1.5
mA
3.3V
12 MHz
X
X
X
Operating Current
Idle Mode
at 4 MHz
VLDO =1.8 V
IIDLE13
3.3
mA
5.5V
4 MHz
X
X
V
IIDLE14
1.7
mA
5.5V
4 MHz
X
X
X
IIDLE15
2.4
mA
3.3V
4 MHz
X
X
V
IIDLE16
0.8
mA
3.3V
4 MHz
X
X
X
Operating Current
Idle Mode
at 32.768 kHz
VLDO =1.8 V
IIDLE17
133
A
VDD
LXT (kHz)
HIRC
PLL
All digital
module
5.5V
32.768
X
X
V
IIDLE18
120
A
5.5V
32.768
X
X
X


Numéro de pièce similaire - NUC230-SD3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC230-SD3C NUVOTON-NUC230-SD3C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-SD3C NUVOTON-NUC230-SD3C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC230-SD3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com