Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-VE1N Fiches technique(PDF) 4 Page - Nuvoton Technology Corporation

No de pièce NUC140-VE1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-VE1N Fiches technique(HTML) 4 Page - Nuvoton Technology Corporation

  NUC140-VE1N Datasheet HTML 1Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 2Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 3Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 4Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 5Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 6Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 7Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 8Page - Nuvoton Technology Corporation NUC140-VE1N Datasheet HTML 9Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 4 of 107
Rev 1.01
6.15.1
Overview ........................................................................................ 80
6.15.2
Features ......................................................................................... 80
PS/2 Device Controller (PS2D) ...........................................................81
6.16
6.16.1
Overview ........................................................................................ 81
6.16.2
Features ......................................................................................... 81
I
2C Serial Interface Controller (I2C).......................................................82
6.17
6.17.1
Overview ........................................................................................ 82
6.17.2
Features ......................................................................................... 83
Serial Peripheral Interface (SPI)..........................................................84
6.18
6.18.1
Overview ........................................................................................ 84
6.18.2
Features ......................................................................................... 84
I
2S Controller (I2S) ..........................................................................85
6.19
6.19.1
Overview ........................................................................................ 85
6.19.2
Features ......................................................................................... 85
USB Device Controller (USB) .............................................................86
6.20
6.20.1
Overview ........................................................................................ 86
6.20.2
Features ......................................................................................... 86
Analog-to-Digital Converter (ADC) .......................................................87
6.21
6.21.1
Overview ........................................................................................ 87
6.21.2
Features ......................................................................................... 87
Analog Comparator (ACMP) ..............................................................88
6.22
6.22.1
Overview ........................................................................................ 88
6.22.2
Features ......................................................................................... 88
7
APPLICATION CIRCUIT...............................................................89
8
ELECTRICAL CHARACTERISTICS .................................................90
Absolute Maximum Ratings ...............................................................90
8.1
DC Electrical Characteristics..............................................................91
8.2
AC Electrical Characteristics ..............................................................95
8.3
8.3.1
External 4~24 MHz High Speed Oscillator .................................................... 95
8.3.2
External 4~24 MHz High Speed Crystal ....................................................... 95
8.3.3
External 32.768 kHz Low Speed Crystal Oscillator .......................................... 96
8.3.4
Internal 22.1184 MHz High Speed Oscillator ................................................. 96
8.3.5
Internal 10 kHz Low Speed Oscillator ......................................................... 96
Analog Characteristics .....................................................................97
8.4
8.4.1
12-bit SARADC Specification ................................................................... 97


Numéro de pièce similaire - NUC140-VE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-VE1N NUVOTON-NUC140-VE1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-VE1N NUVOTON-NUC140-VE1N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-VE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com