Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-VA2N Fiches technique(PDF) 88 Page - Nuvoton Technology Corporation

No de pièce NUC120-VA2N
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-VA2N Fiches technique(HTML) 88 Page - Nuvoton Technology Corporation

Back Button NUC120-VA2N Datasheet HTML 81Page - Nuvoton Technology Corporation NUC120-VA2N Datasheet HTML 82Page - Nuvoton Technology Corporation NUC120-VA2N Datasheet HTML 83Page - Nuvoton Technology Corporation NUC120-VA2N Datasheet HTML 84Page - Nuvoton Technology Corporation NUC120-VA2N Datasheet HTML 85Page - Nuvoton Technology Corporation NUC120-VA2N Datasheet HTML 86Page - Nuvoton Technology Corporation NUC120-VA2N Datasheet HTML 87Page - Nuvoton Technology Corporation NUC120-VA2N Datasheet HTML 88Page - Nuvoton Technology Corporation NUC120-VA2N Datasheet HTML 89Page - Nuvoton Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 88 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 88 -
Revision V2.03
REVISION HISTORY
DESCRIPTION
9
VERSION
DATE
PAGE/
CHAP.
V1.00
March 1, 2010
-
Preliminary version initial issued
V1.01
April 9, 2010
Ch4
Modify the block diagram
V1.02
May 31, 2010
7.2
Add operation current of DC characteristics
V1.03
July 27, 2010
3.3.1
Modify LQFP 48 Pin Description
V1.04
Aug. 23, 2010
7.2
1. Modify LQFP 48 Pin Description
2. Modify operation current of DC characteristics
V2.00
Nov. 11 2010
-
Update low density and selection table
V2.01
May 6, 2011
-
Remove NUC130/NUC140
Add SPI Dynamic Characteristics
Remove TM0~3 of medium density
Remove word “MICROWIRE” in all document
V2.02
June 20, 2011
-
Modify temperature sensor spec
Revise Pin description position for multi-function T2EX, T3EX,
nRD, nWR
Update title of SPI Dynamic Characteristics
Update BOD spec
V2.03
Jan. 2, 2012
-
1.
Remove feature “Dynamic priority changing” for NVIC
2.
Modify ADC analog characteristic spec


Numéro de pièce similaire - NUC120-VA2N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-VA2N NUVOTON-NUC120-VA2N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120-VA2N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com