Moteur de recherche de fiches techniques de composants électroniques |
|
NUC130-VE3E Fiches technique(PDF) 72 Page - Nuvoton Technology Corporation |
|
NUC130-VE3E Fiches technique(HTML) 72 Page - Nuvoton Technology Corporation |
72 / 97 page NuMicro NUC230/240 Datasheet Dec. 30, 2014 Page 72 of 97 Revision 1.01 6.13 UART Interface Controller (UART) 6.13.1 Overview The NuMicro NUC230/240 series provides up to three channels of Universal Asynchronous Receiver/Transmitters (UART). UART0 supports High Speed UART and UART1~2 perform Normal Speed UART. Besides, only UART0 and UART1 support the flow control function. The UART Controller performs a serial-to-parallel conversion on data received from the peripheral, and a parallel-to-serial conversion on data transmitted from the CPU. The UART controller also supports IrDA SIR Function, LIN master/slave function and RS-485 function mode. Each UART Controller channel supports seven types of interrupts. 6.13.2 Features Full duplex, asynchronous communications Separates receive / transmit 64/16/16 bytes (UART0/UART1/UART2) entry FIFO for data payloads Supports hardware auto flow control/flow control function (CTS, RTS) and programmable RTS flow control trigger level (UART0 and UART1 support) Programmable receiver buffer trigger level Supports programmable baud-rate generator for each channel individually Supports CTS wake-up function (UART0 and UART1 support) Supports 7-bit receiver buffer time-out detection function UART0/UART1 can through DMA channels to receive/transmit data Programmable transmitting data delay time between the last stop and the next start bit by setting UA_TOR [DLY] register Supports break error, frame error, parity error and receive / transmit buffer overflow detect function Fully programmable serial-interface characteristics - Programmable data bit length, 5-, 6-, 7-, 8-bit character - Programmable parity bit, even, odd, no parity or stick parity bit generation and detection - Programmable stop bit length, 1, 1.5, or 2 stop bit generation IrDA SIR function mode - Supports 3-/16-bit duration for normal mode LIN function mode - Supports LIN master/slave mode - Supports programmable break generation function for transmitter - Supports break detect function for receiver RS-485 function mode. - Supports RS-485 9-bit mode - Supports hardware or software direct enable control provided by RTS pin (UART0 and UART1 support) |
Numéro de pièce similaire - NUC130-VE3E |
|
Description similaire - NUC130-VE3E |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |