Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC130-SD3E Datasheet(Fiches technique) 27 Page - Nuvoton Technology Corporation

Numéro de pièce NUC130-SD3E
Description  NuMicro
Télécharger  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC130-SD3E Datasheet(HTML) 27 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 27 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 27 of 97
Revision 1.01
4.3 Pin Description
4.3.1 NuMicro
 NUC230 Pin Description
Pin No.
Pin Name
Pin
Type
Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
1
PE.15
I/O
General purpose digital I/O pin.
2
PE.14
I/O
General purpose digital I/O pin.
3
PE.13
I/O
General purpose digital I/O pin.
4
1
PB.14
I/O
General purpose digital I/O pin.
AD0
I/O
EBI Address/Data bus bit0
INT0
I
External interrupt0 input pin.
SPI3_SS1
I/O
2
nd SPI3 slave select pin.
5
2
PB.13
I/O
General purpose digital I/O pin.
AD1
I/O
EBI Address/Data bus bit1
ACMP1_O
O
Comparator1 output pin.
6
3
1
VBAT
P
Power supply by batteries for RTC.
7
4
2
X32_OUT
O
External 32.768 kHz (low speed) crystal output pin.
8
5
3
X32_IN
I
External 32.768 kHz (low speed) crystal input pin.
9
6
4
PA.11
I/O
General purpose digital I/O pin.
I2C1_SCL
I/O
I
2C1 clock pin.
CAN1_RXD
I
Data receiver input pin for CAN1.
nRD
O
EBI read enable output pin
10
7
5
PA.10
I/O
General purpose digital I/O pin.
I2C1_SDA
I/O
I
2C1 data input/output pin.
CAN1_TXD
O
Data transmitter output pin for CAN1.
nWR
O
EBI write enable output pin
11
8
6
PA.9
I/O
General purpose digital I/O pin.
I2C0_SCL
I/O
I
2C0 clock pin.
12
9
7
PA.8
I/O
General purpose digital I/O pin.
I2C0_SDA
I/O
I
2C0 data input/output pin.
13
PD.8
I/O
General purpose digital I/O pin.
SPI3_SS0
I/O
1
st SPI3 slave select pin.
14
PD.9
I/O
General purpose digital I/O pin.
SPI3_CLK
I/O
SPI3 serial clock pin.
15
PD.10
I/O
General purpose digital I/O pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn