Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-SD3E Fiches technique(PDF) 11 Page - Nuvoton Technology Corporation

No de pièce NUC130-SD3E
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-SD3E Fiches technique(HTML) 11 Page - Nuvoton Technology Corporation

Back Button NUC130-SD3E Datasheet HTML 7Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 8Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 9Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 10Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 11Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 12Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 13Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 14Page - Nuvoton Technology Corporation NUC130-SD3E Datasheet HTML 15Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 11 of 97
Revision 1.01
 SPI
Up to four sets of SPI controllers
The maximum SPI clock rate of Master can up to 36 MHz (chip working at 5V)
The maximum SPI clock rate of Slave can up to 18 MHz (chip working at 5V)
Supports SPI Master/Slave mode
Full duplex synchronous serial data transfer
Variable length of transfer data from 8 to 32 bits
MSB or LSB first data transfer
Rx and Tx on both rising or falling edge of serial clock independently
Two slave/device select lines in Master mode, and one slave/device select line in Slave
mode
Supports Byte Suspend mode in 32-bit transmission
Supports PDMA mode
Supports three wire, no slave select signal, bi-direction interface
 I
2C
Up to two sets of I
2C devices
Master/Slave mode
Bidirectional data transfer between masters and slaves
Multi-master bus (no central master)
Arbitration between simultaneously transmitting masters without corruption of serial data on
the bus
Serial clock synchronization allowing devices with different bit rates to communicate via one
serial bus
Serial clock synchronization used as a handshake mechanism to suspend and resume serial
transfer
Programmable clocks allowing for versatile rate control
Supports multiple address recognition (four slave address with mask option)
Supports wake-up function
 I
2S
Interface with external audio CODEC
Operate as either Master or Slave mode
Capable of handling 8-, 16-, 24- and 32-bit word sizes
Supports mono and stereo audio data
Supports I
2S and MSB justified data format
Provides two 8 word FIFO data buffers, one for transmitting and the other for receiving
Generates interrupt requests when buffer levels cross a programmable boundary
Supports two DMA requests, one for transmitting and the other for receiving
 PS/2 Device
Host communication inhibit and request to send detection
Reception frame error detection
Programmable 1 to 16 bytes transmit buffer to reduce CPU intervention
Double buffer for data reception
Software override bus
 CAN 2.0
Supports CAN protocol version 2.0 part A and B
Bit rates up to 1M bit/s
32 Message Objects
Each Message Object has its own identifier mask
Programmable FIFO mode (concatenation of Message Object)
Maskable interrupt
Disabled Automatic Re-transmission mode for Time Triggered CAN applications
Support wake-up function
 ADC
12-bit SAR ADC with 1 MSPS (chip working at 5V)
Up to 8-ch single-end input or 4-ch differential input
Single scan/single cycle scan/continuous scan


Numéro de pièce similaire - NUC130-SD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-SD3E NUVOTON-NUC130-SD3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC130-SD3E NUVOTON-NUC130-SD3E Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC130-SD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com