Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

ITG-3400 Datasheet(Fiches technique) 13 Page - TDK Electronics

Numéro de pièce ITG-3400
Description  Triple-axis MEMS gyroscope
Télécharger  41 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo 

ITG-3400 Datasheet(HTML) 13 Page - TDK Electronics

Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
ITG-3400 Product Specification
Document Number: PS-ITG-3400A-00
Revision: 1.0
Release Date: 12/24/2013
13 of 41
3.3
I2C Timing Characterization
Typical Operating Circuit of section 4.2, VDD = 1.8V, VDDIO = 1.8V, TA=25°C, unless otherwise noted.
Parameters
Conditions
Min
Typical
Max
Units
Notes
I
2C TIMING
I
2C FAST-MODE
fSCL, SCL Clock Frequency
400
kHz
tHD.STA, (Repeated) START Condition Hold
Time
0.6
µs
tLOW, SCL Low Period
1.3
µs
tHIGH, SCL High Period
0.6
µs
tSU.STA, Repeated START Condition Setup
Time
0.6
µs
tHD.DAT, SDA Data Hold Time
0
µs
tSU.DAT, SDA Data Setup Time
100
ns
tr, SDA and SCL Rise Time
Cb bus cap. from 10 to 400pF
20+0.1Cb
300
ns
tf, SDA and SCL Fall Time
Cb bus cap. from 10 to 400pF
20+0.1Cb
300
ns
tSU.STO, STOP Condition Setup Time
0.6
µs
tBUF, Bus Free Time Between STOP and
START Condition
1.3
µs
Cb, Capacitive Load for each Bus Line
< 400
pF
tVD.DAT, Data Valid Time
0.9
µs
tVD.ACK, Data Valid Acknowledge Time
0.9
µs
Table 4 I
2C Timing Characteristics
Notes:
1.
Timing Characteristics apply to both Primary and Auxiliary I2C Bus
2.
Based on characterization of 5 parts over temperature and voltage as mounted on evaluation board or in sockets
Figure 1 I2C Bus Timing Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn