Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ITG-3400 Fiches technique(PDF) 34 Page - TDK Electronics

No de pièce ITG-3400
Description  Triple-axis MEMS gyroscope
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

ITG-3400 Fiches technique(HTML) 34 Page - TDK Electronics

Back Button ITG-3400 Datasheet HTML 30Page - TDK Electronics ITG-3400 Datasheet HTML 31Page - TDK Electronics ITG-3400 Datasheet HTML 32Page - TDK Electronics ITG-3400 Datasheet HTML 33Page - TDK Electronics ITG-3400 Datasheet HTML 34Page - TDK Electronics ITG-3400 Datasheet HTML 35Page - TDK Electronics ITG-3400 Datasheet HTML 36Page - TDK Electronics ITG-3400 Datasheet HTML 37Page - TDK Electronics ITG-3400 Datasheet HTML 38Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
ITG-3400 Product Specification
Document Number: PS-ITG-3400A-00
Revision: 1.0
Release Date: 12/24/2013
34 of 41
Package Gyro & Accel Axes (
) Relative to PCB Axes (
) with Orientation Errors (
Θ and Φ)
ITG
-34
00
Φ
Θ
X
Y
Z
The table below shows the cross-axis sensitivity as a percentage of the gyroscope
’s sensitivity for a given
orientation error, respectively.
Cross-Axis Sensitivity vs. Orientation Error
Orientation Error
(θ or Φ)
Cross-Axis Sensitivity
(s
inθ or sinΦ)
0%
0.5º
0.87%
1.75%
The specifications for cross-axis sensitivity in Section 3.1 includes the effect of the die orientation error with
respect to the package.
8.4.6
MEMS Handling Instructions
MEMS (Micro Electro-Mechanical Systems) are a time-proven, robust technology used in hundreds of
millions of consumer, automotive and industrial products. MEMS devices consist of microscopic moving
mechanical structures. They differ from conventional IC products, even though they can be found in similar
packages. Therefore, MEMS devices require different handling precautions than conventional ICs prior to
mounting onto printed circuit boards (PCBs).
The ITG-3400 has been qualified to a shock tolerance of 10,000g. InvenSense packages its gyroscopes as it
deems proper for protection against normal handling and shipping. It recommends the following handling
precautions to prevent potential damage.
Do not drop individually packaged gyroscopes, or trays of gyroscopes onto hard surfaces. Components
placed in trays could be subject to g-forces in excess of 10,000g if dropped.
Printed circuit boards that incorporate mounted gyroscopes should not be separated by manually
snapping apart. This could also create g-forces in excess of 10,000g.
Do not clean MEMS gyroscopes in ultrasonic baths. Ultrasonic baths can induce MEMS damage if the
bath energy causes excessive drive motion through resonant frequency coupling.


Numéro de pièce similaire - ITG-3400

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
ITG-3050 TDK-ITG-3050 Datasheet
1Mb / 42P
   MEMS gyroscope
ITG-3200 TDK-ITG-3200 Datasheet
893Kb / 39P
   Triple-axis MEMS gyroscope
ITG-3205 TDK-ITG-3205 Datasheet
1Mb / 38P
   first single-chip, digital-output, 3-axis MEMS gyro IC optimized for gaming, 3D mice
ITG-3701 TDK-ITG-3701 Datasheet
3Mb / 34P
   MEMS gyroscope
More results

Description similaire - ITG-3400

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
MPU-6500 TDK-MPU-6500 Datasheet
2Mb / 48P
   Triple-axis MEMS gyroscope
ITG-3200 TDK-ITG-3200 Datasheet
893Kb / 39P
   Triple-axis MEMS gyroscope
MPU-9255 TDK-MPU-9255 Datasheet
474Kb / 42P
   Triple-axis MEMS gyroscope
logo
Analog Devices
ADXRS290 AD-ADXRS290 Datasheet
527Kb / 19P
   Ultralow Noise, Dual-Axis MEMS Gyroscope
logo
TDK Electronics
IDG-2030U TDK-IDG-2030U Datasheet
293Kb / 1P
   Miniature Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1020S TDK-ICG-1020S Datasheet
316Kb / 1P
   Thinnest Dual-Axis OIS Optimized MEMS Gyroscope
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
logo
TDK Electronics
ITG-3050 TDK-ITG-3050 Datasheet
1Mb / 42P
   MEMS gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com