Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ITG-3400 Fiches technique(PDF) 31 Page - TDK Electronics

No de pièce ITG-3400
Description  Triple-axis MEMS gyroscope
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TDK [TDK Electronics]
Site Internet  http://www.tdk.com
Logo TDK - TDK Electronics

ITG-3400 Fiches technique(HTML) 31 Page - TDK Electronics

Back Button ITG-3400 Datasheet HTML 27Page - TDK Electronics ITG-3400 Datasheet HTML 28Page - TDK Electronics ITG-3400 Datasheet HTML 29Page - TDK Electronics ITG-3400 Datasheet HTML 30Page - TDK Electronics ITG-3400 Datasheet HTML 31Page - TDK Electronics ITG-3400 Datasheet HTML 32Page - TDK Electronics ITG-3400 Datasheet HTML 33Page - TDK Electronics ITG-3400 Datasheet HTML 34Page - TDK Electronics ITG-3400 Datasheet HTML 35Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
ITG-3400 Product Specification
Document Number: PS-ITG-3400A-00
Revision: 1.0
Release Date: 12/24/2013
31 of 41
8.2
Package Dimensions
24 Lead QFN (3x3x0.9) mm NiPdAu Lead-frame finish
DIMENSIONS IN
MILLIMETERS
SYMBOLS
DESCRIPTION
MIN
NOM
MAX
A
Package thickness
0.85
0.90
0.95
A1
Lead finger (pad) seating height
0.00
0.02
0.05
b
Lead finger (pad) width
0.15
0.20
0.25
c
Lead frame (pad) height
---
0.20 REF
---
D
Package width
2.90
3.00
3.10
D2
Exposed pad width
1.65
1.70
1.75
E
Package length
2.90
3.00
3.10
E2
Exposed pad length
1.49
1.54
1.59
e
Lead finger-finger (pad-pad) pitch
---
0.40
---
f (e-b)
Lead-lead (Pad-Pad) space
0.15
0.20
0.25
K
Lead (pad) to Exposed Pad Space
---
0.35 REF
---
L
Lead (pad) length
0.25
0.30
0.35
R
Lead (pad) corner radius
0.075
REF
---
R’
Corner lead (pad) outer radius
0.10
0.11
0.12
R’’
Corner lead (pad) inner radius
0.10
0.11
0.12
s
Corner lead-lead (pad-pad) spacing
---
0.25 REF
---
y
Lead conformality
0.00
---
0.075


Numéro de pièce similaire - ITG-3400

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
ITG-3050 TDK-ITG-3050 Datasheet
1Mb / 42P
   MEMS gyroscope
ITG-3200 TDK-ITG-3200 Datasheet
893Kb / 39P
   Triple-axis MEMS gyroscope
ITG-3205 TDK-ITG-3205 Datasheet
1Mb / 38P
   first single-chip, digital-output, 3-axis MEMS gyro IC optimized for gaming, 3D mice
ITG-3701 TDK-ITG-3701 Datasheet
3Mb / 34P
   MEMS gyroscope
More results

Description similaire - ITG-3400

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
MPU-6500 TDK-MPU-6500 Datasheet
2Mb / 48P
   Triple-axis MEMS gyroscope
ITG-3200 TDK-ITG-3200 Datasheet
893Kb / 39P
   Triple-axis MEMS gyroscope
MPU-9255 TDK-MPU-9255 Datasheet
474Kb / 42P
   Triple-axis MEMS gyroscope
logo
Analog Devices
ADXRS290 AD-ADXRS290 Datasheet
527Kb / 19P
   Ultralow Noise, Dual-Axis MEMS Gyroscope
logo
TDK Electronics
IDG-2030U TDK-IDG-2030U Datasheet
293Kb / 1P
   Miniature Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1020S TDK-ICG-1020S Datasheet
316Kb / 1P
   Thinnest Dual-Axis OIS Optimized MEMS Gyroscope
logo
STMicroelectronics
L3G4200D STMICROELECTRONICS-L3G4200D Datasheet
810Kb / 24P
   MEMS motion sensor: three-axis digital output gyroscope
L3GD20 STMICROELECTRONICS-L3GD20 Datasheet
1Mb / 44P
   MEMS motion sensor: three-axis digital output gyroscope
A3G4250DTR STMICROELECTRONICS-A3G4250DTR Datasheet
1Mb / 44P
   MEMS motion sensor: 3-axis digital output gyroscope
logo
TDK Electronics
ITG-3050 TDK-ITG-3050 Datasheet
1Mb / 42P
   MEMS gyroscope
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com