Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC100-YE1N Datasheet(Fiches technique) 20 Page - Nuvoton Technology Corporation

Numéro de pièce NUC100-YE1N
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-YE1N Datasheet(HTML) 20 Page - Nuvoton Technology Corporation

Back Button NUC100-YE1N Datenblatt HTML 16Page - Nuvoton Technology Corporation NUC100-YE1N Datenblatt HTML 17Page - Nuvoton Technology Corporation NUC100-YE1N Datenblatt HTML 18Page - Nuvoton Technology Corporation NUC100-YE1N Datenblatt HTML 19Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 20Page - Nuvoton Technology Corporation NUC100-YE1N Datenblatt HTML 21Page - Nuvoton Technology Corporation NUC100-YE1N Datenblatt HTML 22Page - Nuvoton Technology Corporation NUC100-YE1N Datenblatt HTML 23Page - Nuvoton Technology Corporation NUC100-YE1N Datenblatt HTML 24Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
4.2
NuMicro
™ NUC120 Low Density Block Diagram
FLASH
64KB
Cortex-M0
50MHz
CLK_CTL
PDMA
ISP 4KB
SRAM
8KB
GPIO
A,B,C,D,E
UART 1 -115K
I2C 1
Timer 2/3
RTC
WDT
I2C 0
USB-FS
512BRAM
SPI 0/1
UART 0 -3M
PWM 0~3
Timer 0/1/
12-bit ADC
Analog
Comparator
POR
Brown-out
LVR
USBPHY
Peripherals with PDMA
I2S
P
L
L
LDO
2.5V~
5.5V
10 kHz
32.768 kHz
22.1184 MHz
4~24 MHz
Figure 4-2 NuMicro
™ NUC120 Low Density Block Diagram
Publication Release Date: Jan. 2, 2012
- 20 -
Revision V2.03


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn