Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC100-YE1N Datasheet(Fiches technique) 82 Page - Nuvoton Technology Corporation

Numéro de pièce NUC100-YE1N
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC100-YE1N Datasheet(HTML) 82 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 82 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 82 -
Revision V2.03
.5
Flash DC Electrical Characteristics
7
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Nendu
Endurance
10000
cycles
[1]
Tret
Retention time
Temp=25 ℃
100
year
Terase
4
m
Page erase time
20
0
s
Tmass
e time
40
50
m
Mass eras
60
s
Tprog
40
55
us
Program time
35
Vdd
e
2.25
2.5
2.75
V
[2]
Supply voltag
Idd1
14
mA
Read current
Idd2
Program/Erase current
7
mA
Ipd
1
Power down current
0
uA
1. Numbe
cles.
is source from chip L
ge.
is tab
sign, not test in producti
r of program/erase cy
2. Vdd
3. Th
DO output volta
le is guaranteed by de
on.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn