Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-YE1N Fiches technique(PDF) 39 Page - Nuvoton Technology Corporation

No de pièce NUC100-YE1N
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-YE1N Fiches technique(HTML) 39 Page - Nuvoton Technology Corporation

Back Button NUC100-YE1N Datasheet HTML 35Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 36Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 37Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 38Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 39Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 40Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 41Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 42Page - Nuvoton Technology Corporation NUC100-YE1N Datasheet HTML 43Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 39 -
Revision V2.03
A, GPIOB, GPIOC, GPIOD and GPIOE. Each port equips maximum
GPIOE with 1 pins PE.5.
5.5.
h edge/level setting
High driver and high sink IO mode support
5.5
General Purpose I/O (GPIO)
5.5.1
Overview
NuMicro
™ NUC100/NUC120 Medium Density has up to 80 General Purpose I/O pins can be
shared with other function pins; it depends on the chip configuration. These 80 pins are arranged
in 5 ports named with GPIO
16 pins. Each one of the 80 pins is independent and has the corresponding register bits to control
the pin mode function and data.
NuMicro
™ NUC100/NUC120 Low Density has up to 65 General Purpose I/O pins can be shared
with other function pins; it depends on the chip configuration and package. These 65 pins are
arranged in 4 ports named with GPIOA, GPIOB, GPIOC and GPIOD with each port equips
maximum 16 pins and another port named
The I/O type of each of I/O pins can be configured by software individually as input, output, open-
drain or quasi-bidirectional mode. After reset, the I/O type of all pins stay in quasi-bidirectional
mode and port data register GPIOx_DOUT[15:0] resets to 0x0000_FFFF. Each I/O pin equips a
very weakly individual pull-up resistor which is about 110K
Ω~300KΩ for VDD is from 5.0 V to 2.5
V.
2
Features
Four I/O modes:
Quasi bi-direction
Push-Pull output
Open-Drain output
Input only with high impendence
TTL/Schmitt trigger input selectable
I/O pin can be configured as interrupt source wit


Numéro de pièce similaire - NUC100-YE1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-YE1N NUVOTON-NUC100-YE1N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC100-YE1N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com