Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GMOV-14D650K Fiches technique(PDF) 1 Page - Bourns Electronic Solutions

No de pièce GMOV-14D650K
Description  14 & 20 mm Hybrid Protection Component
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

GMOV-14D650K Fiches technique(HTML) 1 Page - Bourns Electronic Solutions

  GMOV-14D650K Datasheet HTML 1Page - Bourns Electronic Solutions GMOV-14D650K Datasheet HTML 2Page - Bourns Electronic Solutions GMOV-14D650K Datasheet HTML 3Page - Bourns Electronic Solutions GMOV-14D650K Datasheet HTML 4Page - Bourns Electronic Solutions GMOV-14D650K Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Hybriddesign
n
Lowleakage
n
Bidirectionalprotection
n
Lowcapacitance
n
ULType5Recognized
n
RoHScompliant*
GMOVSeries - 14 & 20 mm Hybrid Protection Component
*RoHSDirective2015/863,Mar31,2015andAnnex.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpage
ofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Industry Standard Compliance
Standard
UL 1449 4th Edition
File Number
E313168
General Information
Bourns combines its patented GDT with FLAT® technology and a Metal Oxide Varistor
(MOV) to create a new and innovative GMOV™ Series Hybrid Protection Component.
By combining the best features of both MOV and GDT technologies, the GMOV™ Series
achieves high performance as a long life protector with low capacitance and, most
importantly, very low leakage. The GMOV™ Series is ideally suited for any number of
AC and DC power applications where a high level of performance is required over time.
Absolute Maximum Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Temperature
TOPR
-40
25
+85
˚C
Storage Temperature
TSTG
-40
25
+105
˚C
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Bourns
Part No.
Operating
Protection
Max. Continuous
Operating Voltage
(MCOV)
Max.
Leakage
@ MCOV
Max.
Capacitance
Inom
UL1449/4th.
Imax
Ring Wave
Surge
IEEE62.41
Protection
Level Current
Class (1)
IEC61051-1
Clamp
Transition
Time
Energy
Vrms
Vdc
Arms
1 MHz
15 Ops.
1 Op.
200 A
Max. Typ.
8/20 μs
V
V
μ
A
pF
A
A
Ops.
Vfp
Vc
µs
J
GMOV-14D450K
45
56
< 1
4
3,000
6,000
± 250
900
150
0.3
24
GMOV-14D500K
50
65
< 1
4
3,000
6,000
± 250
800
150
0.3
27
GMOV-14D650K
65
85
< 1
4
3,000
6,000
± 250
800
185
0.3
33
GMOV-14D950K
95
125
< 1
4
3,000
6,000
± 250
800
270
0.3
53
GMOV-14D111K
115
150
< 1
4
3,000
6,000
± 250
800
320
0.3
60
GMOV-14D131K
130
170
< 1
4
3,000
6,000
± 250
800
360
0.3
70
GMOV-14D141K
140
180
< 1
4
3,000
6,000
± 250
950
380
0.3
78
GMOV-14D151K
150
200
< 1
4
3,000
6,000
± 250
950
420
0.3
84
GMOV-14D171K
175
225
< 1
4
3,000
6,000
± 250
950
470
0.3
99
GMOV-14D231K
230
300
< 1
4
3,000
6,000
± 250
1,300 620
0.3
130
GMOV-14D251K
250
320
< 1
4
3,000
6,000
± 250
1,300 675
0.3
140
GMOV-14D271K
275
350
< 1
4
3,000
6,000
± 250
1,300 730
0.3
155
GMOV-14D301K
300
385
< 1
4
3,000
6,000
± 250
1,300 800
0.3
175
GMOV-14D321K
320
415
< 1
4
3,000
6,000
± 250
1,300 875
0.3
180
GMOV-20D450K
45
56
< 1
4
5,000
10,000
± 250
950
150
0.3
49
GMOV-20D500K
50
65
< 1
4
5,000
10,000
± 250
900
150
0.3
56
GMOV-20D650K
65
85
< 1
4
5,000
10,000
± 250
900
185
0.3
70
GMOV-20D950K
95
125
< 1
4
5,000
10,000
± 250
900
270
0.3
106
GMOV-20D111K
115
150
< 1
4
5,000
10,000
± 250
950
320
0.3
130
GMOV-20D131K
130
170
< 1
4
5,000
10,000
± 250
950
360
0.3
140
GMOV-20D141K
140
180
< 1
4
5,000
10,000
± 250
950
380
0.3
155
GMOV-20D151K
150
200
< 1
4
5,000
10,000
± 250
950
420
0.3
168
GMOV-20D171K
175
225
< 1
4
5,000
10,000
± 250
950
470
0.3
190
GMOV-20D231K
230
300
< 1
4
5,000
10,000
± 250
1,300 620
0.3
255
GMOV-20D251K
250
320
< 1
4
5,000
10,000
± 250
1,300 675
0.3
275
GMOV-20D271K
275
350
< 1
4
5,000
10,000
± 250
1,300 730
0.3
305
GMOV-20D301K
300
385
< 1
4
5,000
10,000
± 250
1,300 800
0.3
350
GMOV-20D321K
320
415
< 1
4
5,000
10,000
± 250
1,300 875
0.3
360
Environmental Specifications
Moisture Sensitivity Level.........................1
ESD Classification (HBM).....................N/A
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
MOV
GMOV
14D131K
1901
(1) Front Level Protection (Vfp) defined as measured with 10 % of peak current in accordance with IEC 61051-1.


Numéro de pièce similaire - GMOV-14D650K

FabricantNo de pièceFiches techniqueDescription
logo
Red Lion Controls. Inc
GMOUT400 REDLION-GMOUT400 Datasheet
1Mb / 4P
   Graphic Operator Interface Panels with Modular I/O
More results

Description similaire - GMOV-14D650K

FabricantNo de pièceFiches techniqueDescription
logo
Bourns Electronic Solut...
ISOM3-175 BOURNS-ISOM3-175 Datasheet
939Kb / 6P
   IsoMOV??Series - Hybrid Protection Component
ISOMOV BOURNS-ISOMOV Datasheet
1Mb / 6P
   IsoMOV™ Series - Hybrid Protection Component
REV. D 06/22/22
logo
Protek Devices
PHYTVSXXXV4 PROTEC-PHYTVSXXXV4 Datasheet
648Kb / 6P
   HYBRID TVS COMPONENT
logo
CAMBION Electronic Comp...
702-3726 CAMBION-702-3726 Datasheet
28Kb / 1P
   Component Mounting Board, 14 pin
702-3725 CAMBION-702-3725 Datasheet
27Kb / 1P
   Component Mounting Board, 14 pin
logo
Alpha & Omega Semicondu...
AOZ18101DI-03 AOSMD-AOZ18101DI-03 Datasheet
1Mb / 13P
   14 V 20 mΩ Over-Voltage Protection Efuse
Rev. 1.0 December 2021
logo
CAMBION Electronic Comp...
702-3735 CAMBION-702-3735 Datasheet
28Kb / 1P
   Component Mounting Board, 20 pin
logo
EPCOS
B72500D90A60 EPCOS-B72500D90A60 Datasheet
510Kb / 22P
   Bidirectional ESD protection in one component
logo
Protek Devices
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
   ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com