Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC120-LC1N Datasheet(Fiches technique) 77 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-LC1N
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC120-LC1N Datasheet(HTML) 77 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 77 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 77 of 107
Rev 1.01
460800
A=1
0x0000_0001
A=1,B=15
A=2,B=11
0x2F00_0001
0x2B00_0002
A=46
0x3000_002E
230400
A=4
0x0000_0004
A=4,B=15
A=6,B=11
0x2F00_0004
0x2B00_0006
A=94
0x3000_005E
115200
A=10
0x0000_000A
A=10,B=15
A=14,B=11
0x2F00_000A
0x2B00_000E
A=190
0x3000_00BE
57600
A=22
0x0000_0016
A=22,B=15
A=30,B=11
0x2F00_0016
0x2B00_001E
A=382
0x3000_017E
38400
A=34
0x0000_0022
A=62,B=8
A=46,B=11
A=34,B=15
0x2800_003E
0x2B00_002E
0x2F00_0022
A=574
0x3000_023E
19200
A=70
0x0000_0046
A=126,B=8
A=94,B=11
A=70,B=15
0x2800_007E
0x2B00_005E
0x2F00_0046
A=1150
0x3000_047E
9600
A=142
0x0000_008E
A=254,B=8
A=190,B=11
A=142,B=15
0x2800_00FE
0x2B00_00BE
0x2F00_008E
A=2302
0x3000_08FE
4800
A=286
0x0000_011E
A=510,B=8
A=382,B=11
A=286,B=15
0x2800_01FE
0x2B00_017E
0x2F00_011E
A=4606
0x3000_11FE
Table 6-7 UART Baud Rate Setting Table
The UART0 and UART1 controllers support the auto-flow control function that uses two low-level
signals, /CTS (clear-to-send) and /RTS (request-to-send), to control the flow of data transfer
between the chip and external devices (e.g. Modem). When auto-flow is enabled, the UART is not
allowed to receive data until the UART asserts /RTS to external device. When the number of
bytes in the RX FIFO equals the value of RTS_TRI_LEV (UA_FCR [19:16]), the /RTS is de-
asserted. The UART sends data out when UART controller detects /CTS is asserted from external
device. If a valid asserted /CTS is not detected the UART controller will not send data out.
MCR [RTS]
MCR [RTS_ST]
UART Mode : MCR[LEV_RTS] = 1
MCR [RTS]
MCR [RTS_ST]
UART Mode : MCR[LEV_RTS] = 0
Figure 6-16 UART nRTS Auto-Flow Control Trigger Level
The UART controllers also provides Serial IrDA (SIR, Serial Infrared) function (User must set
IrDA_EN (UA_FUN_SEL [1]) to enable IrDA function). The SIR specification defines a short-range
infrared asynchronous serial transmission mode with 1 start bit, 8 data bits, and 1 stop bit. The
maximum data rate supports up to 115.2 Kbps (half duplex). The IrDA SIR block contains an IrDA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn