Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC120-LC1N Datasheet(Fiches technique) 52 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-LC1N
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC120-LC1N Datasheet(HTML) 52 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 52 of 107
Rev 1.01
3. If TIMER clock source is selected as LXT/LIRC and LXT/LIRC is on.
4. If PWM clock source is selected as LXT and LXT is on.
5. If WDT clock source is selected as LXT/LIRC and LXT/LIRC is on.
6. If RTC clock source LXT is on.
Normal Mode
Idle Mode
Power-down Mode
HXT (4~20 MHz XTL)
ON
ON
Halt
HIRC (12/16 MHz OSC)
ON
ON
Halt
LXT (32 kHz XTL)
ON
ON
ON/OFF
1
LIRC (10 kHz OSC)
ON
ON
ON/OFF
2
PLL
ON
ON
Halt
LDO
ON
ON
ON
CPU
ON
Halt
Halt
HCLK/PCLK
ON
ON
Halt
SRAM retention
ON
ON
ON
FLASH
ON
ON
Halt
EBI
ON
ON
Halt
GPIO
ON
ON
Halt
PDMA
ON
ON
Halt
TIMER
ON
ON
ON/OFF
3
PWM
ON
ON
ON/OFF
4
WDT
ON
ON
ON/OFF
5
WWDT
ON
ON
Halt
RTC
ON
ON
ON/OFF
6
UART
ON
ON
Halt
SC
ON
ON
Halt
PS/2
ON
ON
Halt
I
2C
ON
ON
Halt
SPI
ON
ON
Halt
I
2S
ON
ON
Halt
USB
ON
ON
Halt
ADC
ON
ON
Halt
ACMP
ON
ON
Halt
Table 6-3 Clocks in Power Modes
Wake-up sources in Power-down mode:
WDT, I²C, Timer, RTC, UART, BOD, GPIO and USB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn