Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-YC1N Fiches technique(PDF) 61 Page - Nuvoton Technology Corporation

No de pièce NUC130-YC1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-YC1N Fiches technique(HTML) 61 Page - Nuvoton Technology Corporation

Back Button NUC130-YC1N Datasheet HTML 57Page - Nuvoton Technology Corporation NUC130-YC1N Datasheet HTML 58Page - Nuvoton Technology Corporation NUC130-YC1N Datasheet HTML 59Page - Nuvoton Technology Corporation NUC130-YC1N Datasheet HTML 60Page - Nuvoton Technology Corporation NUC130-YC1N Datasheet HTML 61Page - Nuvoton Technology Corporation NUC130-YC1N Datasheet HTML 62Page - Nuvoton Technology Corporation NUC130-YC1N Datasheet HTML 63Page - Nuvoton Technology Corporation NUC130-YC1N Datasheet HTML 64Page - Nuvoton Technology Corporation NUC130-YC1N Datasheet HTML 65Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 61 of 107
Rev 1.01
1
0
PLLCON[19]
22.1184
MHz
4~24
MHz
PLLFOUT
111
011
010
001
4~24 MHz
32.768 kHz
4~24 MHz
HCLK
22.1184 MHz
000
1/2
1/2
1/2
CLKSEL0[5:3]
1
0
SysTick
TMR 0
ADC
UART 0-2
PDMA
ACMP
I2C 0~1
I2S
RTC
PWM 0-1
WDT
PWM 2-3
PWM 4-5
PWM 6-7
TMR 3
TMR 2
TMR 1
CPU
FMC
32.768
kHz
10 kHz
011
010
001
000
HCLK
32.768 kHz
4~24 MHz
111
011
010
001
PLLFOUT
32.768 kHz
4~24 MHz
10 kHz
22.1184 MHz
000
CLKSEL0[2:0]
SYST_CSR[2]
CPUCLK
1/(HCLK_N+1)
PCLK
CPUCLK
HCLK
11
01
00
PLLFOUT
4~24 MHz
HCLK
CLKSEL1[3:2]
External trigger
CLKSEL1[22:20]
CLKSEL1[18:16]
CLKSEL1[14:12]
CLKSEL1[10:8]
11
10
01
00
HCLK
PLLFOUT
4~24 MHz
22.1184 MHz
011
010
001
000
HCLK
4~24 MHz
22.1184 MHz
32.768 kHz
22.1184 MHz
32.768 kHz
WWDT
10 kHz
1/(ADC_N+1)
CLKSEL2[1:0]
11
10
CLKSEL1[1:0]
HCLK
1/2048
1/(UART_N+1)
22.1184 MHz
4~24 MHz
01
32.768 kHz
11
01
00
PLLFOUT
4~24 MHz
22.1184 MHz
CLKSEL1[25:24]
22.1184 MHz
10
11
01
00
PLLFOUT
4~24 MHz
HCLK
CLKSEL3[5:4]
22.1184 MHz
10
SC 2
1/(SC2_N+1)
CLKSEL3[3:2]
CLKSEL3[1:0]
SC 1
1/(SC1_N+1)
SC 0
1/(SC0_N+1)
10 kHz
22.1184 MHz
101
111
1
0
SPI0-3
SYST_CSR[2]
CPUCLK
USB
1/(USB_N+1)
PLLFOUT
11
10
01
00
HCLK
4~24 MHz
22.1184 MHz
32.768 kHz
CLKSEL2[3:2]
FDIV
BOD
10 kHz
11
10
CLKSEL2[17:16]
10 kHz
CLKSEL2[11:4]
CLKSEL1[31:28]
10 kHz
111
PS2
22.1184 MHz
EBI
Note: Before clock switching, both the pre-selected and newly
selected clock sources must be turned on and stable.
Figure 6-10 Clock Generator Global View Diagram


Numéro de pièce similaire - NUC130-YC1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-YC1N NUVOTON-NUC130-YC1N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC130-YC1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com