Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-VB1N Fiches technique(PDF) 73 Page - Nuvoton Technology Corporation

No de pièce NUC120-VB1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-VB1N Fiches technique(HTML) 73 Page - Nuvoton Technology Corporation

Back Button NUC120-VB1N Datasheet HTML 69Page - Nuvoton Technology Corporation NUC120-VB1N Datasheet HTML 70Page - Nuvoton Technology Corporation NUC120-VB1N Datasheet HTML 71Page - Nuvoton Technology Corporation NUC120-VB1N Datasheet HTML 72Page - Nuvoton Technology Corporation NUC120-VB1N Datasheet HTML 73Page - Nuvoton Technology Corporation NUC120-VB1N Datasheet HTML 74Page - Nuvoton Technology Corporation NUC120-VB1N Datasheet HTML 75Page - Nuvoton Technology Corporation NUC120-VB1N Datasheet HTML 76Page - Nuvoton Technology Corporation NUC120-VB1N Datasheet HTML 77Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 73 of 107
Rev 1.01
Watchdog Timer (WDT)
6.10
6.10.1
Overview
The purpose of Watchdog Timer is to perform a system reset when system runs into an unknown
state. This prevents system from hanging for an infinite period of time. Besides, this Watchdog
Timer supports the function to wake-up system from Idle/Power-down mode.
6.10.2
Features
18-bit free running up counter for Watchdog Timer time-out interval.
Selectable time-out interval (2
4 ~ 218) and the time-out interval is 104 ms ~ 26.3168 s if
WDT_CLK = 10 kHz.
System kept in reset state for a period of (1 / WDT_CLK) * 63
Supports selectable Watchdog Timer reset delay period, it includes (1024+2)、(128+2) 、
(16+2) or (1+2) WDT_CLK reset delay period.
Supports force Watchdog Timer enabled after chip powered on or reset while CWDTEN
(Config0[31] watchdog enable) bit is set to 0.
Supports Watchdog Timer time-out wake-up function when WDT clock source is selected to
10 kHz low speed oscillator.


Numéro de pièce similaire - NUC120-VB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-VB1N NUVOTON-NUC120-VB1N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC120-VB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com