Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC120-VB1N Datasheet(Fiches technique) 41 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-VB1N
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC120-VB1N Datasheet(HTML) 41 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 41 of 107
Rev 1.01
5
BLOCK DIAGRAM
NuMicro
® NUC100 Block Diagram
5.1
ARM
Cortex-M0
50MHz
Memory
PDM
A
APROM
128/64/32 KB
DataFlash
4 KB
SRAM
16/8/4 KB
Timer/PWM
Analog Interface
32-bit Timer x 4
RTC
PWM/Capture
Timer x 8
Watchdog Timer
12-bit ADC x 8
Power Control
Clock Control
LDO
Power On Reset
LVR
Brownout
Detection
High Speed
Oscillator
22.1184 MHz
High Speed
Crystal Osc.
4 ~ 24 MHz
Low Speed
Oscillator
10 kHz
PLL
Connectivity
UART x 3
SPI x 4
I2C x 2
PS/2
I2S
SC x3
I/O Ports
General Purpose
I/O
Reset Pin
External
Interrupt
Analog
Comparator x2
Low Speed
Crystal Osc.
32.768 KHz
LDROM
4 KB
AHB Bus
APB Bus
Bridge
EBI
Figure 5-1 NuMicro
® NUC100 Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn