Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC100-RB1N Datasheet(Fiches technique) 66 Page - Nuvoton Technology Corporation

Numéro de pièce NUC100-RB1N
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC100-RB1N Datasheet(HTML) 66 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 66 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 66 of 107
Rev 1.01
FLASH MEMORY CONTROLLER (FMC)
6.4
6.4.1
Overview
The NuMicro
®
NUC100 series has 128/64/32 Kbytes on-chip embedded Flash for application
program memory (APROM) that can be updated through ISP procedure. The In-System-
Programming (ISP) function enables user to update program memory when chip is soldered on
PCB. After chip is powered on, Cortex
® -M0 CPU fetches code from APROM or LDROM decided
by boot select (CBS) in Config0. By the way, the NuMicro
®
NUC100 series also provides
additional DATA Flash for user to store some application dependent data. For 128 Kbytes
APROM device, the Data Flash is shared with original 128K program memory and its start
address is configurable in Config1. For 64/32 Kbytes APROM device, the Data Flash is fixed at
4K.
6.4.2
Features
Runs up to 50 MHz with zero wait state for continuous address read access
All embedded flash memory supports 512 bytes page erase
128/64/32 KB application program memory (APROM)
4 KB In-System-Programming (ISP) loader program memory (LDROM)
4KB Data Flash for 64/32 KB APROM device
Configurable Data Flash size for 128KB APROM device
Configurable or fixed 4 KB Data Flash with 512 bytes page erase unit
Supports In-Application-Programming (IAP) to switch code between APROM and
LDROM without reset
In-System-Programming (ISP) to update on-chip Flash


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn