Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC100-RB1N Datasheet(Fiches technique) 38 Page - Nuvoton Technology Corporation

Numéro de pièce NUC100-RB1N
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC100-RB1N Datasheet(HTML) 38 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 38 of 107
Rev 1.01
Pin No.
Pin Name
Pin Type Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
63
38
26
PA.14
I/O
General purpose digital I/O pin.
PWM2
I/O
PWM2 output/Capture input.
SC2RST
O
SmartCard2 reset pin.
AD15
I/O
EBI Address/Data bus bit15
64
39
27
PA.13
I/O
General purpose digital I/O pin.
PWM1
I/O
PWM1 output/Capture input.
SC2CLK
O
SmartCard2 clock pin.
AD14
I/O
EBI Address/Data bus bit14
65
40
28
PA.12
I/O
General purpose digital I/O pin.
PWM0
I/O
PWM0 output/Capture input.
SC2DAT
O
SmartCard2 data pin.
AD13
I/O
EBI Address/Data bus bit13
66
41
29
ICE_DAT
I/O
Serial Wire Debugger Data pin
67
42
30
ICE_CLK
I
Serial Wire Debugger Clock pin
68
VDD
P
Power supply for I/O ports and LDO source for internal PLL and
digital circuit.
69
VSS
P
Ground pin for digital circuit.
70
43
31
AVSS
AP
Ground pin for analog circuit.
71
44
32
PA.0
I/O
General purpose digital I/O pin.
ADC0
AI
ADC0 analog input.
SC0PWR
O
SmartCard0 power pin.
72
45
33
PA.1
I/O
General purpose digital I/O pin.
ADC1
AI
ADC1 analog input.
SC0RST
O
SmartCard0 reset pin.
AD12
I/O
EBI Address/Data bus bit12
73
46
34
PA.2
I/O
General purpose digital I/O pin.
ADC2
AI
ADC2 analog input.
SC0CLK
O
SmartCard0 clock pin.
AD11
I/O
EBI Address/Data bus bit11
74
47
35
PA.3
I/O
General purpose digital I/O pin.
ADC3
AI
ADC3 analog input.
SC0DAT
O
SmartCard0 data pin.
AD10
I/O
EBI Address/Data bus bit10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn