Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC240-LB1N Fiches technique(PDF) 17 Page - Nuvoton Technology Corporation

No de pièce NUC240-LB1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC240-LB1N Fiches technique(HTML) 17 Page - Nuvoton Technology Corporation

Back Button NUC240-LB1N Datasheet HTML 13Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 14Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 15Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 16Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 17Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 18Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 19Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 20Page - Nuvoton Technology Corporation NUC240-LB1N Datasheet HTML 21Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 17 of 107
Rev 1.01
3
ABBREVIATIONS
Acronym
Description
ACMP
Analog Comparator Controller
ADC
Analog-to-Digital Converter
AES
Advanced Encryption Standard
APB
Advanced Peripheral Bus
AHB
Advanced High-Performance Bus
BOD
Brown-out Detection
CAN
Controller Area Network
DAP
Debug Access Port
DES
Data Encryption Standard
EBI
External Bus Interface
EPWM
Enhanced Pulse Width Modulation
FIFO
First In, First Out
FMC
Flash Memory Controller
FPU
Floating-point Unit
GPIO
General-Purpose Input/Output
HCLK
The Clock of Advanced High-Performance Bus
HIRC
22.1184 MHz Internal High Speed RC Oscillator
HXT
4~24 MHz External High Speed Crystal Oscillator
IAP
In Application Programming
ICP
In Circuit Programming
ISP
In System Programming
LDO
Low Dropout Regulator
LIN
Local Interconnect Network
LIRC
10 kHz internal low speed RC oscillator (LIRC)
MPU
Memory Protection Unit
NVIC
Nested Vectored Interrupt Controller
PCLK
The Clock of Advanced Peripheral Bus
PDMA
Peripheral Direct Memory Access
PLL
Phase-Locked Loop
PWM
Pulse Width Modulation
QEI
Quadrature Encoder Interface
SDIO
Secure Digital Input/Output
SPI
Serial Peripheral Interface


Numéro de pièce similaire - NUC240-LB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC240-LC1C NUVOTON-NUC240-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC1E NUVOTON-NUC240-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC1N NUVOTON-NUC240-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC2C NUVOTON-NUC240-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC2C NUVOTON-NUC240-LC2C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC240-LB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com