Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-RB1N Fiches technique(PDF) 57 Page - Nuvoton Technology Corporation

No de pièce NUC140-RB1N
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-RB1N Fiches technique(HTML) 57 Page - Nuvoton Technology Corporation

Back Button NUC140-RB1N Datasheet HTML 53Page - Nuvoton Technology Corporation NUC140-RB1N Datasheet HTML 54Page - Nuvoton Technology Corporation NUC140-RB1N Datasheet HTML 55Page - Nuvoton Technology Corporation NUC140-RB1N Datasheet HTML 56Page - Nuvoton Technology Corporation NUC140-RB1N Datasheet HTML 57Page - Nuvoton Technology Corporation NUC140-RB1N Datasheet HTML 58Page - Nuvoton Technology Corporation NUC140-RB1N Datasheet HTML 59Page - Nuvoton Technology Corporation NUC140-RB1N Datasheet HTML 60Page - Nuvoton Technology Corporation NUC140-RB1N Datasheet HTML 61Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 57 -
Revision V2.03
s Interface (EBI)
5.18
EBI support address bus and
5.18
al devices with max. 64K-byte size (8-bit data width)/128K-byte (16-bit data width)
nd address hold
d data bus multiplex mode supported to save the address pins
Configurable idle cycle supported for different access condition: Write command finish
(W2X), Read-to-Read (R2R)
5.18 External Bu
.1 Overview
The NuMicro
™ NUC100/NUC120 Low Density LQFP-64 package equips an external bus interface
(EBI) for external device used.
To save the connections between external device and this chip,
data bus multiplex mode. And, address latch enable (ALE) signal supported differentiate the
address and data cycle.
.2 Features
External Bus Interface has the following functions:
Extern
supported
Variable external bus base clock (MCLK) supported
8-bit or 16-bit data width supported
Variable data access time (tACC), address latch enable time (tALE) a
time (tAHD) supported
Address bus an


Numéro de pièce similaire - NUC140-RB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-RB1N NUVOTON-NUC140-RB1N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC140-RB1N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com