Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC200-LB1N Fiches technique(PDF) 36 Page - Nuvoton Technology Corporation

No de pièce NUC200-LB1N
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC200-LB1N Fiches technique(HTML) 36 Page - Nuvoton Technology Corporation

Back Button NUC200-LB1N Datasheet HTML 32Page - Nuvoton Technology Corporation NUC200-LB1N Datasheet HTML 33Page - Nuvoton Technology Corporation NUC200-LB1N Datasheet HTML 34Page - Nuvoton Technology Corporation NUC200-LB1N Datasheet HTML 35Page - Nuvoton Technology Corporation NUC200-LB1N Datasheet HTML 36Page - Nuvoton Technology Corporation NUC200-LB1N Datasheet HTML 37Page - Nuvoton Technology Corporation NUC200-LB1N Datasheet HTML 38Page - Nuvoton Technology Corporation NUC200-LB1N Datasheet HTML 39Page - Nuvoton Technology Corporation NUC200-LB1N Datasheet HTML 40Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 36 of 107
Rev 1.01
Pin No.
Pin Name
Pin Type Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
35
24
20
PB.3
I/O
General purpose digital I/O pin.
CTS0
I
Clear to Send input pin for UART0.
T3EX
I
Timer3 external capture input pin.
SC2CD
I
SmartCard2 card detect pin.
nWRH
O
EBI high byte write enable output pin
36
PD.6
I/O
General purpose digital I/O pin.
37
PD.7
I/O
General purpose digital I/O pin.
38
PD.14
I/O
General purpose digital I/O pin.
RXD2
I
Data receiver input pin for UART2.
39
PD.15
I/O
General purpose digital I/O pin.
TXD2
O
Data transmitter output pin for UART2.
40
PC.5
I/O
General purpose digital I/O pin.
MOSI01
I/O
2
nd SPI0 MOSI (Master Out, Slave In) pin.
41
PC.4
I/O
General purpose digital I/O pin.
MISO01
I/O
2
nd SPI0 MISO (Master In, Slave Out) pin.
42
25
21
PC.3
I/O
General purpose digital I/O pin.
MOSI00
I/O
1
st SPI0 MOSI (Master Out, Slave In) pin.
I2SDO
O
I
2S data output.
43
26
22
PC.2
I/O
General purpose digital I/O pin.
MISO00
I/O
1
st SPI0 MISO (Master In, Slave Out) pin.
I2SDI
I
I
2S data input.
44
27
23
PC.1
I/O
General purpose digital I/O pin.
SPICLK0
I/O
SPI0 serial clock pin.
I2SBCLK
I/O
I
2S bit clock pin.
45
28
24
PC.0
I/O
General purpose digital I/O pin.
SPISS00
I/O
1
st SPI0 slave select pin.
I2SLRCLK
I/O
I
2S left right channel clock.
46
PE.6
I/O
General purpose digital I/O pin.
47
29
PE.5
I/O
General purpose digital I/O pin.
PWM5
I/O
PWM5 output/Capture input.
T1EX
I
Timer1 external capture input pin.
48
30
PB.11
I/O
General purpose digital I/O pin.


Numéro de pièce similaire - NUC200-LB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC200-LC1C NUVOTON-NUC200-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC200-LC1E NUVOTON-NUC200-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC200-LC1N NUVOTON-NUC200-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC200-LC2C NUVOTON-NUC200-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC200-LC2E NUVOTON-NUC200-LC2E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC200-LB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com