Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC100-RB1N Datasheet(Fiches technique) 64 Page - Nuvoton Technology Corporation

Numéro de pièce NUC100-RB1N
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-RB1N Datasheet(HTML) 64 Page - Nuvoton Technology Corporation

Back Button NUC100-RB1N Datenblatt HTML 60Page - Nuvoton Technology Corporation NUC100-RB1N Datenblatt HTML 61Page - Nuvoton Technology Corporation NUC100-RB1N Datenblatt HTML 62Page - Nuvoton Technology Corporation NUC100-RB1N Datenblatt HTML 63Page - Nuvoton Technology Corporation NUC100-RB1N Datasheet HTML 64Page - Nuvoton Technology Corporation NUC100-RB1N Datenblatt HTML 65Page - Nuvoton Technology Corporation NUC100-RB1N Datenblatt HTML 66Page - Nuvoton Technology Corporation NUC100-RB1N Datenblatt HTML 67Page - Nuvoton Technology Corporation NUC100-RB1N Datenblatt HTML 68Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 64 -
Revision V2.03
Note:
1. /RESET pin is a Schmitt trigger input.
2. Crystal Input is a CMOS input.
E ca
rc
tion
rren
y
b ing externally driven from 1 to 0. In the
sition
n
its m im
h
IN
ximates to 2 V.
3. Pins of PA, PB, PC, PD and P
condition of VDD=5.5 V, 5he tran
n sou
curre
e a transi
t reaches
cu
ax
t when the
um value w
are
en V
e
appro


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn