Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-RB1N Fiches technique(PDF) 38 Page - Nuvoton Technology Corporation

No de pièce NUC100-RB1N
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-RB1N Fiches technique(HTML) 38 Page - Nuvoton Technology Corporation

Back Button NUC100-RB1N Datasheet HTML 34Page - Nuvoton Technology Corporation NUC100-RB1N Datasheet HTML 35Page - Nuvoton Technology Corporation NUC100-RB1N Datasheet HTML 36Page - Nuvoton Technology Corporation NUC100-RB1N Datasheet HTML 37Page - Nuvoton Technology Corporation NUC100-RB1N Datasheet HTML 38Page - Nuvoton Technology Corporation NUC100-RB1N Datasheet HTML 39Page - Nuvoton Technology Corporation NUC100-RB1N Datasheet HTML 40Page - Nuvoton Technology Corporation NUC100-RB1N Datasheet HTML 41Page - Nuvoton Technology Corporation NUC100-RB1N Datasheet HTML 42Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 38 -
Revision V2.03
)
5.4.
nterrupt/
USB bus which comes
starting address of SRAM for each endpoint buffer through “buffer
segmentation register (USB_BUFSEGx)”.
There are 6 endpoints in this controller. Each of the endpoint can be configured as IN or OUT
endpoint. All the operations including Control, Bulk, Interrupt and Isochronous transfer are
implemented in this block. The block of ENDPOINT CONTROL is also used to manage the data
sequential synchronization, endpoint states, current start address, transaction status, and data
buffer status for each endpoint.
There are four different interrupt events in this controller. They are the wake-up function, device
plug-in or plug-out event, USB events, like IN ACK, OUT ACK etc, and BUS events, like suspend
and resume, etc. Any event will cause an interrupt, and users just need to check the related event
flags in interrupt event status register (USB_INTSTS) to acknowledge what kind of interrupt
occurring, and then check the related USB Endpoint Status Register (USB_EPSTS) to
acknowledge what kind of event occurring in this endpoint.
A software-disable function is also supported for this USB controller. It is used to simulate the
disconnection of this de
(USB_DRVSE0), the USB
controller will force the output of USB_DP and USB_DM to level low and its function is disabled.
After disable the DRVSE0 bit, host will enumerate the USB device again.
Reference: Universal Serial Bus Specification Revision 1.1
5.4.2
Features
This Universal Serial Bus (USB) performs a serial interface with a single connector type for
attaching all USB peripherals to the host system. Following is the feature listing of this USB.
Compliant with USB 2.0 Full-Speed specification
Provide 1 interrupt vector with 4 different interrupt events (WAKEUP, FLDET, USB
and BUS)
Support Control/Bulk/Interrupt/Isochronous transfer type
Support suspend function when no bus activity existing for 3 ms
Provide 6 endpoints for configurable Control/Bulk/Interrupt/Isochronous transfer types
and maximum 512 bytes buffer size
Provide remo
5.4
USB Device Controller (USB
1
Overview
There is one set of USB 2.0 full-speed device controller and transceiver in this device. It is
compliant with USB 2.0 full-speed device specification and support control/bulk/i
isochronous transfer types.
In this device controller, there are two main interfaces: the APB bus and
from the USB PHY transceiver. For the APB bus, the CPU can program control registers through
it. There are 512 bytes internal SRAM as data buffer in this controller. For IN or OUT transfer, it is
necessary to write data to SRAM or read data from SRAM through the APB interface or SIE.
Users need to set the effective
vice from the host. If user enables DRVSE0 bit
te wake-up capability


Numéro de pièce similaire - NUC100-RB1N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-RB1N NUVOTON-NUC100-RB1N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC100-RB1N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com