Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC100-RB1N Datasheet(Fiches technique) 36 Page - Nuvoton Technology Corporation

Numéro de pièce NUC100-RB1N
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC100-RB1N Datasheet(HTML) 36 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 36 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 36 -
Revision V2.03
5.3.5
Power Down Mode Clock
When chip enters into power down mode, system clocks, some clock sources, and some
peripheral clocks will be disabled. Some clock sources and peripherals clock are still active in
power down mode.
For theses clocks which still keep active list below:
Clock Generator
Internal 10 kHz low speed oscillator clock
External 32.768 kHz low speed crystal clock
Peripherals Clock (When WDT adopt internal 10 kHz low speed oscillator as clock
source and RTC adopt external 32.768 kHz low speed crystal as clock source)
5.3.4
Peripherals Clock
The peripherals clock had different clock source switch setting which depends on the different
peripheral. Please refer the CLKSEL1 and CLKSEL2 register description in 5.3.7.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn