Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-VE2N Fiches technique(PDF) 63 Page - Nuvoton Technology Corporation

No de pièce NUC140-VE2N
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-VE2N Fiches technique(HTML) 63 Page - Nuvoton Technology Corporation

Back Button NUC140-VE2N Datasheet HTML 59Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 60Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 61Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 62Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 63Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 64Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 65Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 66Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 67Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 63 of 97
Revision 1.01
6.4 Flash Memory Controller (FMC)
6.4.1 Overview
The NuMicro
 NUC230/240 series has 128/64/32K bytes on-chip embedded Flash for application
program memory (APROM) that can be updated through ISP procedure. The In-System-
Programming (ISP) function enables user to update program memory when chip is soldered on
PCB. After chip is powered on,
Cortex™-M0 CPU fetches code from APROM or LDROM decided
by boot select (CBS) in CONFIG0. By the way, the NuMicro
 NUC230/240 series also provides
additional Data Flash for user to store some application dependent data. For 128K bytes APROM
device, the Data Flash is shared with original 128K program memory and its start address is
configurable in CONFIG1. For 64K/32K bytes APROM device, the Data Flash is fixed at 4KB.
6.4.2 Features
Runs up to 50 MHz with zero wait cycle for continuous address read access and runs
up to 72MHz with one wait cycle for continuous address read.
All embedded flash memory supports 512 bytes page erase
128/64/32 KB application program memory (APROM)
8KB In-System-Programming (ISP) loader program memory (LDROM)
4KB Data Flash for 64/32 KB APROM device
Configurable Data Flash size for 128KB APROM device
Configurable or fixed 4 KB Data Flash with 512 bytes page erase unit
Supports In-Application-Programming (IAP) to switch code between APROM and
LDROM without reset
In-System-Programming (ISP) to update on-chip Flash


Numéro de pièce similaire - NUC140-VE2N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-VE2N NUVOTON-NUC140-VE2N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-VE2N NUVOTON-NUC140-VE2N Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC140-VE2N NUVOTON-NUC140-VE2N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC140-VE2N NUVOTON-NUC140-VE2N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-VE2N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com