Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-VE2N Fiches technique(PDF) 48 Page - Nuvoton Technology Corporation

No de pièce NUC140-VE2N
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-VE2N Fiches technique(HTML) 48 Page - Nuvoton Technology Corporation

Back Button NUC140-VE2N Datasheet HTML 44Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 45Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 46Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 47Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 48Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 49Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 50Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 51Page - Nuvoton Technology Corporation NUC140-VE2N Datasheet HTML 52Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 48 of 97
Revision 1.01
6.2.3 System Power Distribution
In this chip, the power distribution is divided into three segments.
Analog power from AVDD and AVSS provides the power for analog components
operation.
Digital power from VDD and VSS supplies the power to the internal regulator which
provides a fixed 1.8 V power for digital operation and I/O pins.
USB transceiver power from VBUS offers the power for operating the USB transceiver.
Battery power from VBAT supplies the RTC and external 32.768 kHz crystal.
The outputs of internal voltage regulators, LDO and VDD33, require an external capacitor which
should be located close to the corresponding pin. Analog power (AVDD) should be the same
voltage level with the digital power (VDD). 錯誤! 找不到參照來源。Figure 6-2 shows the NuMicro
NUC230 power distribution, and Figure 6-3 shows the NuMicro
 NUC240 power distribution.
12-bit
SAR-ADC
Brown-
out
Detector
Low
Voltage
Reset
Analog
Comparator
Temperature
Seneor
FLASH
Digital Logic
Internal
22.1184 MHz & 10 kHz
Oscillator
AVDD
AVSS
LDO_CAP
1uF
GPIO
NUC230 Power Distribution
LDO
PLL
POR50
POR18
External
32.768 kHz
Crystal
IO cell
RTC
ULDO
1.8V
1.8V
Figure 6-2 NuMicro
 NUC230 Power Distribution Diagram


Numéro de pièce similaire - NUC140-VE2N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-VE2N NUVOTON-NUC140-VE2N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC140-VE2N NUVOTON-NUC140-VE2N Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC140-VE2N NUVOTON-NUC140-VE2N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC140-VE2N NUVOTON-NUC140-VE2N Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC140-VE2N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com