Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC230-SD2N Fiches technique(PDF) 72 Page - Nuvoton Technology Corporation

No de pièce NUC230-SD2N
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC230-SD2N Fiches technique(HTML) 72 Page - Nuvoton Technology Corporation

Back Button NUC230-SD2N Datasheet HTML 68Page - Nuvoton Technology Corporation NUC230-SD2N Datasheet HTML 69Page - Nuvoton Technology Corporation NUC230-SD2N Datasheet HTML 70Page - Nuvoton Technology Corporation NUC230-SD2N Datasheet HTML 71Page - Nuvoton Technology Corporation NUC230-SD2N Datasheet HTML 72Page - Nuvoton Technology Corporation NUC230-SD2N Datasheet HTML 73Page - Nuvoton Technology Corporation NUC230-SD2N Datasheet HTML 74Page - Nuvoton Technology Corporation NUC230-SD2N Datasheet HTML 75Page - Nuvoton Technology Corporation NUC230-SD2N Datasheet HTML 76Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 72 of 97
Revision 1.01
6.13 UART Interface Controller (UART)
6.13.1 Overview
The NuMicro NUC230/240 series provides up to three channels of Universal Asynchronous
Receiver/Transmitters (UART). UART0 supports High Speed UART and UART1~2 perform
Normal Speed UART. Besides, only UART0 and UART1 support the flow control function. The
UART Controller performs a serial-to-parallel conversion on data received from the peripheral,
and a parallel-to-serial conversion on data transmitted from the CPU. The UART controller also
supports IrDA SIR Function, LIN master/slave function and RS-485 function mode. Each UART
Controller channel supports seven types of interrupts.
6.13.2 Features
Full duplex, asynchronous communications
Separates receive / transmit 64/16/16 bytes (UART0/UART1/UART2) entry FIFO for
data payloads
Supports hardware auto flow control/flow control function (CTS, RTS) and
programmable RTS flow control trigger level (UART0 and UART1 support)
Programmable receiver buffer trigger level
Supports programmable baud-rate generator for each channel individually
Supports CTS wake-up function (UART0 and UART1 support)
Supports 7-bit receiver buffer time-out detection function
UART0/UART1 can through DMA channels to receive/transmit data
Programmable transmitting data delay time between the last stop and the next start bit
by setting UA_TOR [DLY] register
Supports break error, frame error, parity error and receive / transmit buffer overflow
detect function
Fully programmable serial-interface characteristics
-
Programmable data bit length, 5-, 6-, 7-, 8-bit character
-
Programmable parity bit, even, odd, no parity or stick parity bit generation and
detection
-
Programmable stop bit length, 1, 1.5, or 2 stop bit generation
IrDA SIR function mode
-
Supports 3-/16-bit duration for normal mode
LIN function mode
-
Supports LIN master/slave mode
-
Supports programmable break generation function for transmitter
-
Supports break detect function for receiver
RS-485 function mode.
-
Supports RS-485 9-bit mode
-
Supports hardware or software direct enable control provided by RTS pin
(UART0 and UART1 support)


Numéro de pièce similaire - NUC230-SD2N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC230-SD2N NUVOTON-NUC230-SD2N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-SD2N NUVOTON-NUC230-SD2N Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC230-SD2N

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com