Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC230SD2AE Datasheet(Fiches technique) 10 Page - Nuvoton Technology Corporation

Numéro de pièce NUC230SD2AE
Description  NuMicro
Télécharger  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC230SD2AE Datasheet(HTML) 10 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 10 of 97
Revision 1.01
8 selectable time-out period from 1.6 ms ~ 26.0 sec (depending on clock source)
Wake-up from Power-down or Idle mode
Interrupt or reset selectable on watchdog time-out
Supports 4 selectable Watchdog Timer reset delay period(1026, 130, 18 or 3 WDT_CLK)
 Window Watchdog Timer
6-bit down counter with 11-bit prescale for wide range window selected
 RTC
Supports software compensation by setting frequency compensate register (FCR)
Supports RTC counter (second, minute, hour) and calendar counter (day, month, year)
Supports Alarm registers (second, minute, hour, day, month, year)
Selectable 12-hour or 24-hour mode
Automatic leap year recognition
Supports periodic time tick interrupt with 8 period options 1/128, 1/64, 1/32, 1/16, 1/8, 1/4,
1/2 and 1 second
Supports battery power pin (VBAT)
Supports wake-up function
 PWM/Capture
Up to four built-in 16-bit PWM generators providing eight PWM outputs or four
complementary paired PWM outputs
Each PWM generator equipped with one clock source selector, one clock divider, one 8-bit
prescaler and one Dead-Zone generator for complementary paired PWM
Supports One-shot or Auto-reload mode
Up to eight 16-bit digital capture timers (shared with PWM timers) providing eight
rising/falling capture inputs
Supports Capture interrupt
 UART
Up to six UART controllers (three UART controllers are shared with SC)
UART ports with flow control (TXD, RXD, nCTS and nRTS)
UART0 with 64-byte FIFO is for high speed
UART1/2(optional) with 16-byte FIFO for standard device
Supports IrDA (SIR) and LIN function
Supports RS-485 9-bit mode and direction control
Programmable baud-rate generator up to 1/16 system clock
Supports CTS wake-up function (UART0 and UART1 support)
Supports PDMA mode
 Smart Card Host (SC)
Supports up to three ISO-7816-3 ports
 Compliant to ISO-7816-3 T=0, T=1
 Separate receive / transmit 4 bytes entry FIFO for data payloads
 Programmable transmission clock frequency
 Programmable receiver buffer trigger level
 Programmable guard time selection (11 ETU ~ 266 ETU)
 One 24-bit and two 8-bit time-out counters for Answer to Request (ATR) and waiting
times processing
 Supports auto inverse convention function
 Supports transmitter and receiver error retry and error limit function
 Supports hardware activation sequence process
 Supports hardware warm reset sequence process
 Supports hardware deactivation sequence process
 Supports hardware auto deactivation sequence when detecting the card is removal
Supports up to three UART ports
 Full duplex, asynchronous communications
 Supports receiving / transmitting 4-bytes FIFO
 Supports programmable baud rate generator for each channel
 Programmable even, odd or no parity bit generation and detection
 Programmable stop bit, 1 or 2 stop bit generation


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn