Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC230SD2AE Datasheet(Fiches technique) 43 Page - Nuvoton Technology Corporation

Numéro de pièce NUC230SD2AE
Description  NuMicro
Télécharger  97 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC230SD2AE Datasheet(HTML) 43 Page - Nuvoton Technology Corporation

Back Button NUC230SD2AE Datenblatt HTML 39Page - Nuvoton Technology Corporation NUC230SD2AE Datenblatt HTML 40Page - Nuvoton Technology Corporation NUC230SD2AE Datenblatt HTML 41Page - Nuvoton Technology Corporation NUC230SD2AE Datenblatt HTML 42Page - Nuvoton Technology Corporation NUC230SD2AE Datasheet HTML 43Page - Nuvoton Technology Corporation NUC230SD2AE Datenblatt HTML 44Page - Nuvoton Technology Corporation NUC230SD2AE Datenblatt HTML 45Page - Nuvoton Technology Corporation NUC230SD2AE Datenblatt HTML 46Page - Nuvoton Technology Corporation NUC230SD2AE Datenblatt HTML 47Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 43 of 97
Revision 1.01
5
BLOCK DIAGRAM
5.1 NuMicro
 NUC230 Block Diagram
ARM
Cortex-M0
72MHz
Memory
PDMA
APROM
128/64/32 KB
DataFlash
Configurable/
4 KB
SRAM
16/8 KB
Timer/PWM
Analog Interface
32-bit Timer x 4
RTC
PWM/Capture
Timer x 8
Watchdog Timer
12-bit ADC x 8
Power Control
Clock Control
LDO
Power On Reset
LVR
Brownout
Detection
High Speed
Oscillator
22.1184 MHz
High Speed
Crystal Osc.
4 ~ 24 MHz
Low Speed
Oscillator
10 kHz
PLL
Connectivity
UART x 3
SPI x 4
I2C x 2
PS/2 x 1
I2S x 1
SC (UART) x 3
I/O Ports
General Purpose
I/O
Reset Pin
External
Interrupt
Analog
Comparator x2
Low Speed
Crystal Osc.
32.768 KHz
LDROM
8 KB
AHB Bus
APB Bus
Bridge
CAN x 2
Figure 5-1 NuMicro
 NUC230 Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn