Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC240 Fiches technique(PDF) 66 Page - Nuvoton Technology Corporation

No de pièce NUC240
Description  NuMicro
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC240 Fiches technique(HTML) 66 Page - Nuvoton Technology Corporation

Back Button NUC240 Datasheet HTML 62Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 63Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 64Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 65Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 66Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 67Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 68Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 69Page - Nuvoton Technology Corporation NUC240 Datasheet HTML 70Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 97 page
background image
NuMicro NUC230/240 Datasheet
Dec. 30, 2014
Page 66 of 97
Revision 1.01
6.7.2 Features
Supports nine PDMA channels and one CRC channel. Each PDMA channel can
support a unidirectional transfer
AMBA AHB master/slave interface compatible, for data transfer and register
read/write
Hardware round robin priority scheme. DMA channel 0 has the highest priority and
channel 8 has the lowest priority
PDMA operation
-
Peripheral-to-memory, memory-to-peripheral, and memory-to-memory transfer
-
Supports word/half-word/byte transfer data width from/to peripheral
-
Supports address direction: increment, fixed.
Cyclic Redundancy Check (CRC)
-
Supports four common polynomials CRC-CCITT, CRC-8, CRC-16, and CRC-32
CRC-CCITT: X
16 + X12 + X5 + 1
CRC-8: X
8 + X2 + X + 1
CRC-16: X
16 + X15 + X2 + 1
CRC-32: X
32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 + X5 + X4 +
X
2 + X + 1
-
Supports programmable CRC seed value.
-
Supports programmable order reverse setting for input data and CRC checksum.
-
Supports programmable 1’s complement setting for input data and CRC
checksum.
-
Supports CPU PIO mode or DMA transfer mode.
-
Supports the follows write data length in CPU PIO mode
8-bit write mode (byte): 1-AHB clock cycle operation.
16-bit write mode (half-word): 2-AHB clock cycle operation.
32-bit write mode (word): 4-AHB clock cycle operation.
-
Supports byte alignment transfer data length and word alignment transfer source
address in CRC DMA mode.
6.8 Timer Controller (TIMER)
6.8.1 Overview
The timer controller includes four 32-bit timers, TIMER0 ~ TIMER3, allowing user to easily
implement a timer control for applications. The timer can perform functions, such as frequency
measurement, delay timing, clock generation, and event counting by external input pins, and
interval measurement by external capture pins.


Numéro de pièce similaire - NUC240

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC240-LA1C NUVOTON-NUC240-LA1C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA1E NUVOTON-NUC240-LA1E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA1N NUVOTON-NUC240-LA1N Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA2C NUVOTON-NUC240-LA2C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC240-LA2E NUVOTON-NUC240-LA2E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC240

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NANO102 NUVOTON-NANO102 Datasheet
3Mb / 100P
   NuMicro??Family
M0518 NUVOTON-M0518 Datasheet
1Mb / 72P
   NuMicro m0518 Series
logo
List of Unclassifed Man...
NUC200LC2AN ETC2-NUC200LC2AN Datasheet
2Mb / 97P
   NuMicro NUC200 ??Advanced Line
NUC140VE3CN ETC2-NUC140VE3CN Datasheet
1Mb / 77P
   NuMicro??Family NUC140 Data Sheet
logo
Nuvotem Talema
NUC120VE3AN TALEMA-NUC120VE3AN Datasheet
5Mb / 600P
   NuMicro??Family NUC100 Series Technical Reference Manual
logo
Nuvoton Technology Corp...
NUC220 NUVOTON-NUC220 Datasheet
1Mb / 18P
   NuTiny-SDK-NUC220 User Manualfor NuMicro??NUC220 Series
M2354 NUVOTON-M2354_V01 Datasheet
4Mb / 234P
   NuMicro® Family Arm® 32-bit Cortex®-M23 Microcontroller
Rev. 1.01
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
   NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
List of Unclassifed Man...
NUTINY-SDK-M051 ETC2-NUTINY-SDK-M051 Datasheet
1Mb / 14P
   NuTiny-SDK-M051 User?셲 Manual For NuMicro M051??Series
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
   NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com