Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120RD1DN Fiches technique(PDF) 9 Page - Nuvoton Technology Corporation

No de pièce NUC120RD1DN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120RD1DN Fiches technique(HTML) 9 Page - Nuvoton Technology Corporation

Back Button NUC120RD1DN Datasheet HTML 5Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 6Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 7Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 8Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 9Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 10Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 11Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 12Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 9 of 107
Rev 1.01
2
FEATURES
The equipped features are dependent on the product line and their sub products.
NuMicro
® NUC100 Features – Advanced Line
2.1
ARM
® Cortex® -M0 core
Runs up to 50 MHz
One 24-bit system timer
Supports low power sleep mode
Single-cycle 32-bit hardware multiplier
NVIC for the 32 interrupt inputs, each with 4-levels of priority
Serial Wire Debug supports with 2 watchpoints/4 breakpoints
Built-in LDO for wide operating voltage ranged from 2.5 V to 5.5 V
Flash Memory
32/64/128 Kbytes Flash for program code
4 KB flash for ISP loader
Supports In-System-Program (ISP) and In-Application-Program (IAP) application code
update
512 byte page erase for flash
Configurable Data Flash address and size for 128 KB system, fixed 4 KB Data Flash
for the 32 KB and 64 KB system
Supports 2-wired ICP update through SWD/ICE interface
Supports fast parallel programming mode by external programmer
SRAM Memory
4/8/16 Kbytes embedded SRAM
Supports PDMA mode
PDMA (Peripheral DMA)
Supports 9 channels PDMA for automatic data transfer between SRAM and
peripherals
Supports CRC calculation with four common polynomials, CRC-CCITT, CRC-8, CRC-
16 and CRC-32
Clock Control
Flexible selection for different applications
Built-in 22.1184 MHz high speed oscillator for system operation
Trimmed to ±1 % at +25 ℃ and VDD = 5 V
Trimmed to ±3 % at -40 ℃ ~ +85 ℃ and VDD = 2.5 V ~ 5.5 V
Built-in 10 kHz low speed oscillator for Watchdog Timer and Wake-up operation
Supports one PLL, up to 50 MHz, for high performance system operation
External 4~24 MHz high speed crystal input for precise timing operation
External 32.768 kHz low speed crystal input for RTC function and low power system
operation
GPIO
Four I/O modes:
Quasi-bidirectional
Push-pull output
Open-drain output
Input only with high impendence
TTL/Schmitt trigger input selectable
I/O pin configured as interrupt source with edge/level setting
Timer


Numéro de pièce similaire - NUC120RD1DN

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC120RD1DN ETC2-NUC120RD1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NUC120RD1DN NUVOTON-NUC120RD1DN Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC120RD1DN NUVOTON-NUC120RD1DN Datasheet
1Mb / 109P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120RD1DN

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com