Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120RD1DN Fiches technique(PDF) 41 Page - Nuvoton Technology Corporation

No de pièce NUC120RD1DN
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120RD1DN Fiches technique(HTML) 41 Page - Nuvoton Technology Corporation

Back Button NUC120RD1DN Datasheet HTML 37Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 38Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 39Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 40Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 41Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 42Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 43Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 44Page - Nuvoton Technology Corporation NUC120RD1DN Datasheet HTML 45Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 41 of 107
Rev 1.01
5
BLOCK DIAGRAM
NuMicro
® NUC100 Block Diagram
5.1
ARM
Cortex-M0
50MHz
Memory
PDM
A
APROM
128/64/32 KB
DataFlash
4 KB
SRAM
16/8/4 KB
Timer/PWM
Analog Interface
32-bit Timer x 4
RTC
PWM/Capture
Timer x 8
Watchdog Timer
12-bit ADC x 8
Power Control
Clock Control
LDO
Power On Reset
LVR
Brownout
Detection
High Speed
Oscillator
22.1184 MHz
High Speed
Crystal Osc.
4 ~ 24 MHz
Low Speed
Oscillator
10 kHz
PLL
Connectivity
UART x 3
SPI x 4
I2C x 2
PS/2
I2S
SC x3
I/O Ports
General Purpose
I/O
Reset Pin
External
Interrupt
Analog
Comparator x2
Low Speed
Crystal Osc.
32.768 KHz
LDROM
4 KB
AHB Bus
APB Bus
Bridge
EBI
Figure 5-1 NuMicro
® NUC100 Block Diagram


Numéro de pièce similaire - NUC120RD1DN

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC120RD1DN ETC2-NUC120RD1DN Datasheet
1Mb / 107P
   32-bit Microcontroller
logo
Nuvoton Technology Corp...
NUC120RD1DN NUVOTON-NUC120RD1DN Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC120RD1DN NUVOTON-NUC120RD1DN Datasheet
1Mb / 109P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120RD1DN

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com