Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120LD3AN Fiches technique(PDF) 10 Page - Nuvoton Technology Corporation

No de pièce NUC120LD3AN
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120LD3AN Fiches technique(HTML) 10 Page - Nuvoton Technology Corporation

Back Button NUC120LD3AN Datasheet HTML 6Page - Nuvoton Technology Corporation NUC120LD3AN Datasheet HTML 7Page - Nuvoton Technology Corporation NUC120LD3AN Datasheet HTML 8Page - Nuvoton Technology Corporation NUC120LD3AN Datasheet HTML 9Page - Nuvoton Technology Corporation NUC120LD3AN Datasheet HTML 10Page - Nuvoton Technology Corporation NUC120LD3AN Datasheet HTML 11Page - Nuvoton Technology Corporation NUC120LD3AN Datasheet HTML 12Page - Nuvoton Technology Corporation NUC120LD3AN Datasheet HTML 13Page - Nuvoton Technology Corporation NUC120LD3AN Datasheet HTML 14Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 10 -
Revision V2.03
Full duplex synchronous serial data transfer
Variable length of transfer data from 1 to 32 bits
MSB or LSB first data transfer
Rx and Tx on both rising or falling edge of serial clock independently
2 slave/device select lines when it is as the master, and 1 slave/device select line
when it is as the slave
Support byte suspend mode in 32-bit transmission
Support PDMA mode
• I2C
Up to two sets of I
2C device
Master/Slave mode
Bidirectional data transfer between masters and slaves
Multi-master bus (no central master)
Arbitration between simultaneously transmitting masters without corruption of serial
data on the bus
Serial clock synchronization allows devices with different bit rates to communicate via
one serial bus
Serial clock synchronization can be used as a handshake mechanism to suspend and
resume serial transfer
Programmable clocks allow versatile rate control
Support multiple address recognition (four slave address with mask option)
• I2S
Interface with external audio CODEC
Operate as either master or slave mode
Capable of handling 8-, 16-, 24- and 32-bit word sizes
Mono and stereo audio data supported
I
2S and MSB justified data format supported
Two 8 word FIFO data buffers are provided, one for transmit and one for receive
Generates interrupt requests when buffer levels cross a programmable boundary
Support two DMA requests, one for transmit and one for receive
• PS/2 Device Controller
Host communication inhibit and request to send detection
Reception frame error detection
Programmable 1 to 16 bytes transmit buffer to reduce CPU intervention
Double buffer for data reception
S/W override bus
• USB 2.0 Full-Speed Device
One set of USB 2.0 FS Device 12Mbps
On-chip USB Transceiver
Provide 1 interrupt source with 4 interrupt events
Support Control, Bulk In/Out, Interrupt and Isochronous transfers
Auto suspend function when no bus signaling for 3 ms
Provide 6 programmable endpoints
Include 512 Bytes internal SRAM as USB buffer
Provide remote wake-up capability
• EBI (External bus interface) support (NuMicro™ NUC100/NUC120 Low Density 64-pin
Package Only)
Accessible space: 64KB in 8-bit mode or 128KB in 16-bit mode
Support 8-/16-bit data width
Support byte write in 16-bit data width mode


Numéro de pièce similaire - NUC120LD3AN

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120LD3DN NUVOTON-NUC120LD3DN Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120LD3AN

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com